Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3-1393789-7 Datasheet(PDF) 3 Page - TE Connectivity Ltd |
|
3-1393789-7 Datasheet(HTML) 3 Page - TE Connectivity Ltd |
3 / 7 page 07-2015, Rev.0715 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 AXICOM Signal Relays P2 Relay V23079 (Continued) PCB layout TOP view on component side of PCB THT version SMT, long terminals SMT, short terminals 0,9 ±0,1 Contacts are shown in reset condition. Both coils can be used as either set or reset coils. Contact position might change during transportation and must be reset before use. Monostable version Terminal assignment TOP view on component side of PCB Bistable version, 1-coil Bistable version, 2-coils Dimensions 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 THT version SMT, long terminals SMT, short terminals Standard coil 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 THT version SMT, long terminals SMT, short terminals Overmolded coil, high dielectric version 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 |
Número de pieza similar - 3-1393789-7 |
|
Descripción similar - 3-1393789-7 |