Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3-1393816-8 Datasheet(PDF) 3 Page - TE Connectivity Ltd

No. de pieza 3-1393816-8
Descripción Electrónicos  Contacts for signal loads and currents up to 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393816-8 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  3-1393816-8 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393816-8 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393816-8 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393816-8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
Signal Relays
Cradle W Relay V23005 (Continued)
Dimensions
V23005-A0xx, size I type
V23005-B0xx, size II type
Product code structure
Typical product code
V23005
-B0
004 -F104
Type
V23005
Cradle W Relay
Size
A0
Size I, dust protected
B0
Size II, dust protected
Coils
Coil code: please refer to coil versions table
Contact style
B1
Single contacts
B6
Single contacts
F1
Single contacts
C1
Bifurcated contacts
C4
Bifurcated contacts
Contact arrangement
04
2 form C, 2 CO
05
2 form A, 1 NO
06
1 form A+ 1 form B, 1 NO+ 1 NC
10
4 form C, 4 CO
12
6 form A, 6 NO
Other types on request


Número de pieza similar - 3-1393816-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
3-1393816-8 TEC-3-1393816-8 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
More results

Descripción similar - 3-1393816-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
   Output Currents up to 0.5A (output1 & 2)
logo
PHOENIX CONTACT
101810 PHOENIX-101810 Datasheet
150Kb / 4P
   Miniature Relays With PDT for Loads up to 6 A
102829 PHOENIX-102829 Datasheet
123Kb / 3P
   Power Optocouplers for Switching AC Loads up to 2 A
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
   Switching capacity up to 5A
logo
Rohm
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
logo
PHOENIX CONTACT
1912595 PHOENIX-1912595 Datasheet
683Kb / 13P
   COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com