Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4120-1 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No. de pieza 1N4120-1
Descripción Electrónicos  500 mW power handling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4120-1 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  1N4120-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4120-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4120-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N4120-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Noise Zener Diode Series
Rev. V2
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
1N4099-1 thru 1N4135-1 &
1N4614-1 thru 1N4627-1
Outline Drawing
Circuits & graphs


Número de pieza similar - 1N4120-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N4120-1 CDI-DIODE-1N4120-1 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Sensitron
1N4120-1 SENSITRON-1N4120-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
1N4120-1-UR-1 SENSITRON-1N4120-1-UR-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
More results

Descripción similar - 1N4120-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
   DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
   DECT 500 mW power amplifier
2000 Mar 14
CGY2032TS PHILIPS-CGY2032TS Datasheet
60Kb / 12P
   DECT 500 mW power amplifier
1999 Jul 21
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Micro Commercial Compon...
MTZJ39 MCC-MTZJ39 Datasheet
281Kb / 5P
   500 mW Zener Diode
MMTZJ39 MCC-MMTZJ39 Datasheet
306Kb / 5P
   500 mW Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com