Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPL121350A Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

No. de pieza TPL121350A
Descripción Electrónicos  Valve Regulated Lead Acid Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CSB-BATTERY [CSB Battery Co., Ltd.]
Página de inicio  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

TPL121350A Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  TPL121350A_17 Datasheet HTML 1Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maintenance-Free Sealed Lead Acid Battery.
Absorbent Glass Mat (AGM) technology for efficient gas recombination of up to 99%.
【Design Life】
【 Float Charging Voltage】
Up to 12 Years in Standby Service at 25℃
13.5 ~ 13.8 VDC/Unit at 25℃ (77)
Eurobat (20℃) : 10-12 years, Long Life
Equalization Charging Voltage 】
【 Operating Temperature Range】
14.4 ~ 15.0 VDC/Unit at 25℃ (77℉)
【 Self Discharge】
Less than 10% after 90 days, can be stored up to 6 months at 25℃ (77℉);
Fully recharging is required before usage, and charged sooner if stored
Storage: -15℃ ~ 40℃ (5℉~104℉)
at higher temperature than 25℃ (77℉).
Design according with IEC 60896-21/22:2004
Nominal Capacity
2593A
40.5A
Terminal hardware Torque
138.6 Kgf-cm / 120.3 Lbf-in / 13.58 N-m
Flame Retardant ABS (UL 94-V0)
Length (L)
547.0±2.5 mm
21.54±0.10 inch
Width (W)
124.8±1.5 mm
4.94±0.06 inch
Overall Height (H)
320.3±2.5 mm
12.72±0.10 inch
F.V/Time
15MIN
30MIN
60MIN
90MIN
2HR
3HR
4HR
5HR
6HR
8HR
10HR
20HR
1.67V
250
159
93.2
68.1
54.2
39.9
32.1
26.7
22.8
17.6
14.3
7.51
1.70V
236
153
91.0
66.7
53.6
39.5
31.7
26.3
22.4
17.2
14.2
7.43
1.75V
213
144
87.2
64.7
52.7
38.4
30.8
25.3
21.6
16.9
13.8
7.26
1.80V
189
132
82.3
62.2
51.3
37.2
29.4
24.5
21.1
16.3
13.5
7.09
1.83V
174
125
79.1
60.7
49.9
35.9
28.5
23.8
20.5
15.8
13.0
6.92
1.85V
164
119
76.4
59.2
48.7
35.0
27.9
23.2
20.0
15.5
12.8
6.75
F.V/Time
15MIN
30MIN
60MIN
90MIN
2HR
3HR
4HR
5HR
6HR
8HR
10HR
20HR
1.67V
2658
1718
1022
751
602
447
362
301
257
198
162
85.2
1.70V
2544
1672
996
739
601
446
360
299
256
196
161
84.9
1.75V
2339
1586
958
716
587
440
354
292
249
195
160
84.1
1.80V
2095
1488
927
699
574
432
342
286
247
191
157
83.2
1.83V
1954
1387
893
684
561
420
335
280
242
186
153
81.8
1.85V
1857
1343
871
668
545
410
330
275
237
184
152
80.3
Please refer to the official site for the lastest rating confirmation. URL: www.csb-battery.com
Issued:
161101
Tel: +31(0)180-418-140
Tel: +886-2-2880-5600
Fax: +31(0)180-418-327
Fax: +866-2-2888-3300
Tel: +86-10-5820-5336, 5820-5338
Fax: +86-10-5820-3053
Fax: +86-755-8831-6075
Fax: +86-21-5046-1046
Tel: +1-817-244-7777 / 1-(800)3-CSB-USA (272872)
Fax: +1-817-244-4445
SHENZHEN OFFICE (CHINA)
SHANGHAI OFFICE (CHINA)
BEIJING OFFICE (CHINA)
Tel: +86-755-8831-6488, 8831-6775
Tel: +86-21-5046-1622, 5046-0833
BUSINESS HEADQUARTERS
Tel: +886-2-2880-5600
Fax: +866-2-2888-3300
USA OFFICE
EUROPE (EMEA) OFFICE
TAIPEI OFFICE
Constant Current Discharge Characteristics Unit: A (25℃, 77℉)
Constant Power Discharge Characteristics Unit: W (25℃, 77℉)
Recognized under UL 1989,
and certified by ISO 9001, 14001.
Sales Offices
Dimensions (mm/inch)
Short Circuit Current
Maximum Charge Current
Terminal types
I2 thread lead alloy terminal to accept M6 bolt
Container Material
Weight
Approx. 54.80 Kg (120.78 lbs)
Maximum Discharge Current
800A (5sec)
Internal Resistance
Approx. 3.70 mΩ
135AH @8HR-rate to 1.75V per PCS @25℃ (77℉)
TPL series
TPL 121350A 12V 135AH
Valve Regulated Lead Acid Battery
Design for Standby Power Applications
Nominal Operating Temperature : 25℃(77℉)
Discharge : -15℃ ~ 50℃ (5℉~122℉)
Charge: -15℃ ~ 40℃ (5℉~104℉)
Specification
Nominal Voltage
12V (6 cells per unit)


Número de pieza similar - TPL121350A_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CSB Battery Co., Ltd.
TPL121350 CSB-BATTERY-TPL121350 Datasheet
462Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
More results

Descripción similar - TPL121350A_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CSB Battery Co., Ltd.
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
   Valve Regulated Lead Acid Battery
TPL121250A CSB-BATTERY-TPL121250A_17 Datasheet
381Kb / 1P
   Valve Regulated Lead Acid Battery
EVX12650 CSB-BATTERY-EVX12650_17 Datasheet
379Kb / 1P
   Valve Regulated Lead Acid Battery
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
   Valve Regulated Lead Acid Battery
GP6120 CSB-BATTERY-GP6120_17 Datasheet
388Kb / 1P
   Valve Regulated Lead Acid Battery
XHRL12360W CSB-BATTERY-XHRL12360W_17 Datasheet
390Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ400 CSB-BATTERY-MSJ400_17 Datasheet
520Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ500 CSB-BATTERY-MSJ500_17 Datasheet
521Kb / 1P
   Valve Regulated Lead Acid Battery
MSJ650 CSB-BATTERY-MSJ650_17 Datasheet
518Kb / 1P
   Valve Regulated Lead Acid Battery
UPS123607 CSB-BATTERY-UPS123607_17 Datasheet
391Kb / 1P
   Valve Regulated Lead Acid Battery
HR1227W CSB-BATTERY-HR1227W_17 Datasheet
393Kb / 1P
   Valve Regulated Lead Acid Battery
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com