Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2301IZQZR Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TSC2301IZQZR
Descripción Electrónicos  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IZQZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2301IZQZR Datasheet HTML 7Page - Texas Instruments TSC2301IZQZR Datasheet HTML 8Page - Texas Instruments TSC2301IZQZR Datasheet HTML 9Page - Texas Instruments TSC2301IZQZR Datasheet HTML 10Page - Texas Instruments TSC2301IZQZR Datasheet HTML 11Page - Texas Instruments TSC2301IZQZR Datasheet HTML 12Page - Texas Instruments TSC2301IZQZR Datasheet HTML 13Page - Texas Instruments TSC2301IZQZR Datasheet HTML 14Page - Texas Instruments TSC2301IZQZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
www.ti.com
98
98.125
98.25
98.375
98.5
98.625
98.75
98.875
99
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
–72.000
–71.000
–70.000
–69.000
–68.000
–67.000
–66.000
–65.000
–64.000
–63.000
–62.000
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
83
84
85
86
87
88
89
90
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
–103.0
–102.0
–101.0
–100.0
–99.0
–98.0
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
93
94
95
96
97
98
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
93
94
95
96
97
98
–60
–40
–20
0
20
40
60
80
100
Temperature (5C)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
SNR OF DAC (LINEOUT)
THD OF ADC (LINEIN)
SNR OF ADC (LINEIN)
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
THD OF DAC (HP DRIVER),
SNR OF DAC (HP DRIVER)
THD OF BYPASS PATH
32-
Ω LOAD
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
11


Número de pieza similar - TSC2301IZQZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2301IPAG TI1-TSC2301IPAG Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGG4 TI1-TSC2301IPAGG4 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGR TI1-TSC2301IPAGR Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results

Descripción similar - TSC2301IZQZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com