Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA10-T Datasheet(PDF) 1 Page - XP Power Limited

No. de pieza CA10-T
Descripción Electrónicos  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA10-T Datasheet(HTML) 1 Page - XP Power Limited

  CA10-T Datasheet HTML 1Page - XP Power Limited CA10-T Datasheet HTML 2Page - XP Power Limited CA10-T Datasheet HTML 3Page - XP Power Limited CA10-T Datasheet HTML 4Page - XP Power Limited CA10-T Datasheet HTML 5Page - XP Power Limited CA10-T Datasheet HTML 6Page - XP Power Limited CA10-T Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL
OUTPUT
VOLTAGE
(POSITIVE OR NEGATIVE)
MAXIMUM
OUTPUT
CURRENT*1
CA02-T
0 to 200V
0 to 5 mA
CA05-T
0 to 500V
0 to 2 mA
CA10-T
0 to 1,000V
0 to 1mA
CA12-T
0 to 1,250V
0 to 0.8 mA
CA20-T
0 to 2,000V
0 to 0.5 mA
Programming Voltage vs Output Voltage
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
Programming Voltage (0 to 100%)
4745K01
PAGE 1
WWW.XPPOWER.COM
200V through 2000VDC @ 1 Watt
PRODUCT DESCRIPTION
Complete List of Models on page 2
Proven
Reliability
FEATURES
CA-T SERIES
PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
• Very Low Ripple, as low as 5PPM!
• Precision Regulated
• Miniature Shielded Case, 1 cubic inch
• 0 to 100% Programmable output
• Voltage Monitor/ Readback
• High Stability, typically<25ppm/°C
• Wide Input Voltage Range
• Arc, Short Circuit Protected, Short Duration, Up To 1 Minute
• Very Low EMI/RFI
• Precision On board Reference
• External Voltage or Potentiometer Programming
• Accessible Calibration Adjustment
• Sealed To Withstand Immersion Cleaning Processes
• Designed to meet the requirements of UL1950
• Proven Reliability, MTBF: >2.10 million hrs per Bellcore TR-332
• UL Certified Encapsulant, Meets 94V-0 Flammability
• RoHS Compliant
Photomultiplier Tubes
Avalanche Photodiodes
Solid State Detectors
Electrophoresis
EO Lenses
Piezo Devices
Capacitor Charging
OPTIONS
APPLICATIONS
• Available with a 5VDC input voltage
Precision regulated, very low noise, high performance high voltage
power supplies are fully programmable (0 to 100%) and feature high
voltage monitor readback, on-board precision reference, wide input
voltage range and protection against arcs and short circuits all in a
miniature, shielded case. Please refer to our CA series data sheet
for standard temperature.


Número de pieza similar - CA10-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
CA10 LITTELFUSE-CA10 Datasheet
180Kb / 3P
   SURFACE MOUNT ESD SUPPRESSORS, 8-Line CA10
logo
XP Power Limited
CA10 XPPOWER-CA10 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
   Cloud Access Point
logo
Calogic, LLC
CA1004 CALOGIC-CA1004 Datasheet
22Kb / 2P
   Micropower Voltage Reference
CA1004BY1 CALOGIC-CA1004BY1 Datasheet
22Kb / 2P
   Micropower Voltage Reference
More results

Descripción similar - CA10-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com