Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC37B770 Datasheet(PDF) 11 Page - SMSC Corporation

No. de pieza FDC37B770
Descripción Electrónicos  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B770 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button FDC37B770 Datasheet HTML 7Page - SMSC Corporation FDC37B770 Datasheet HTML 8Page - SMSC Corporation FDC37B770 Datasheet HTML 9Page - SMSC Corporation FDC37B770 Datasheet HTML 10Page - SMSC Corporation FDC37B770 Datasheet HTML 11Page - SMSC Corporation FDC37B770 Datasheet HTML 12Page - SMSC Corporation FDC37B770 Datasheet HTML 13Page - SMSC Corporation FDC37B770 Datasheet HTML 14Page - SMSC Corporation FDC37B770 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 196 page
background image
11
FIGURE 1 - FDC37B77x BLOCK DIAGRAM
nDSR1, nDCD1, nRI1, nDTR1
TXD1, nCTS1, nRTS1
nINIT, nALF
HOST
CPU
MULTI-MODE
PARALLEL
PORT/FDC
MUX
16C550
COMPATIBLE
SERIAL
PORT 1
16C550
COMPATIBLE
SERIAL
PORT 2 WITH
INFRARED
CONFIGURATION
REGISTERS
INTERFACE
CONTROL BUS
ADDRESS BUS
DATA BUS
nIOR
nIOW
AEN
SA[0:12] (nCS)
*
SD[O:7]
DRQ[1:3]
*
nDACK[1:3]
*
RESET_DRV
CLOCK
GEN
CLOCKI
14MHz
nINDEX
nTRK0
nDSKCHG
nWRPRT
nWGATE
DENSEL
nDIR
nSTEP
nHDSEL
nDS0
nMTR0
RDATA
RCLOCK
WDATA
WCLOCK
nWDATAnRDATA
TXD2(IRTX), nCTS2, nRTS2
*
RXD2(IRRX)
*
nDSR2, nDCD2, nRI2, nDTR2
*
RXD1
PD0-7
BUSY, SLCT, PE,
nERROR, nACK
nSTB, nSLCTIN,
TC
SMSC
PROPRIETARY
82077
COMPATIBLE
VERTICAL
FLOPPYDISK
CONTROLLER
CORE
DIGITAL
DATA
SEPARATOR
WITH WRITE
PRECOM-
PENSATION
IOCHRDY
IRRX, IRTX
DRVDEN0
DRVDEN1
*
SERIAL
IRQ
SER_IRQ
PCI_CLK
SA[13-15]
*
8042
KCLK
KDATA
MCLK
MDATA
GATEA20, KRESET
P12
*, P16*
PME
Vcc Vss
nPME
WDT
*
Denotes Multifunction Pins
CLK32
32KHz
VTR
SMI


Número de pieza similar - FDC37B770

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Descripción similar - FDC37B770

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com