Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC37C957FR Datasheet(PDF) 10 Page - SMSC Corporation

No. de pieza FDC37C957FR
Descripción Electrónicos  ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C957FR Datasheet(HTML) 10 Page - SMSC Corporation

Back Button FDC37C957FR Datasheet HTML 6Page - SMSC Corporation FDC37C957FR Datasheet HTML 7Page - SMSC Corporation FDC37C957FR Datasheet HTML 8Page - SMSC Corporation FDC37C957FR Datasheet HTML 9Page - SMSC Corporation FDC37C957FR Datasheet HTML 10Page - SMSC Corporation FDC37C957FR Datasheet HTML 11Page - SMSC Corporation FDC37C957FR Datasheet HTML 12Page - SMSC Corporation FDC37C957FR Datasheet HTML 13Page - SMSC Corporation FDC37C957FR Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 328 page
background image
4
Pin #
Name
Description
Supply
Voltage
Type
FLASH ROM/ Memory Map Interface
161:166,
168:169
FAD[0:7]
Flash Address/Data[7:0] Bus
VCC1
I/O8
170:175,
177:180
FA[8:17]
Flash Address[17:8]
VCC1
O8
182
nFRD
Flash MEM READ
VCC1
O8
183
nFWR
Flash MEM WRITE
VCC1
O8
181
FALE
Flash Address latch Enable
VCC1
O8
Keyboard
36:30,28: 22
KSO[0:13]
Keyboard Scan Outputs(14*8=112)
Configuring GPIO4 and GPIO5 as
KSO14 and KSO15 yields a scan
matrix of 16x8=128.
VCC1
OD4
44:37
KSI[0:7]
Keyboard Scan Inputs
VCC1
ISP
193
nEA
External Access for 2K ROM
VCC1
I
45
EMCLK
EM Serial Clk
VCC2
I/OD 24
46
EMDAT
EM Serial Data
VCC2
I/OD 24
47
IMCLK
IM Serial Clk
VCC2
I/OD 24
48
IMDAT
IM Serial Data
VCC2
I/OD 24
50
KBCLK
KBD Serial Clk
VCC2
I/OD 24
51
KBDAT
KBD Serial Data
VCC2
I/OD 24
52
PS2CLK/
8051RX/
GPIO[20]
PS2 Serial Clk
VCC2
I/OD24


Número de pieza similar - FDC37C957FR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37C93 SMSC-FDC37C93 Datasheet
1Mb / 280P
   Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
FDC37C93XAPM SMSC-FDC37C93XAPM Datasheet
1Mb / 280P
   Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
More results

Descripción similar - FDC37C957FR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Rohm
BH7760KV ROHM-BH7760KV Datasheet
91Kb / 7P
   Analog signal I / O interface for portable audio applications
BH7760KV ROHM-BH7760KV Datasheet
92Kb / 7P
   Analog signal I / O interface for portable audio applications
logo
SMSC Corporation
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
SP37E760 SMSC-SP37E760 Datasheet
510Kb / 78P
   3.3 V I/O CONTROLLER FOR EMBEDDED APPLICATIONS
logo
National Instruments Co...
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
   Portable digital I/O device / 96 bidirectional I/O channels
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
logo
National Semiconductor ...
PC87391 NSC-PC87391 Datasheet
1Mb / 148P
   100-Pin LPC SuperI/O Devices for Portable Applications
logo
Holtek Semiconductor In...
HT1670 HOLTEK-HT1670 Datasheet
174Kb / 19P
   128x32 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com