Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
G01 Datasheet(PDF) 6 Page - XP Power Limited |
|
G01 Datasheet(HTML) 6 Page - XP Power Limited |
6 / 10 page 4726BH01 PAGE 6 WWW.XPPOWER.COM G SERIES PIN/WIRE # FUNCTION 1 (+) Input 2 (-) Input 3 (+) Output 4 (-) Output 5 Dual Output/Center Tap G01CT THRU G20CT MECHANICAL SPECIFICATIONS 1.50 (38.10) 1.50 (38.10) 0.031 (0.79) Ø PC PIN 5 PLACES TOP VIEW 0.63 (16.00) 0.25 (6.35) 1.000 (25.40) 0.15 (3.81) 1.200 (30.48) 1 2 4 3 RECOMMENDED HOLE & PAD O.D. SIZE: Ø 0.052 (1.32 ) & Ø0.082 (2.08 ) 5 PLACES 5 0.50 (12.70) 0.20 (5.08) 0.800 (20.32) 0.35 (8.89) RECOMMENDED PCB LAYOUT TOP VIEW PARAMETER VALUE WEIGHT Weight: 1.5 OZ (43 Grams) VOLUME 1.4 cubic Inches (23 cubic centimeters) DIMENSIONS 1.5L (38.1L) x 1.5W (38.1L) x 0.63H (16.0H) CASE MATERIAL Diallyl Phthalate (DAP) DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS) DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127) |
Número de pieza similar - G01 |
|
Descripción similar - G01 |