Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M02009 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza M02009
Descripción Electrónicos  Low cost IC fabricated in CMOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

M02009 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M02009 Datasheet HTML 2Page - List of Unclassifed Manufacturers M02009 Datasheet HTML 3Page - List of Unclassifed Manufacturers M02009 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02009 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02009 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02009 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02009 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02009 Datasheet HTML 9Page - List of Unclassifed Manufacturers M02009 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
02009-DSH-001-D
Mindspeed Technologies™
1
Mindspeed Proprietary and Confidential
1.0 Functional Description
1.1
Overview
The MC2009 is a low-noise, transimpedance amplifier with AGC, manufactured in low-cost CMOS. Its wide
dynamic range, differential output and high PIN bias make it well suited for telecommunications, especially OC-12/
STM-4. However, the MC2009 is intended to meet the needs of both Telecom and Datacom users.
The MC2009 is available in die form. For optimum system performance die should be mounted in close proximity
with the photodetector.
The MC2009 is designed to be used with the Mindspeed MC2044C Postamplifier IC. When combined with a pho-
todiode, the chip set forms a high performance, low cost 3.3V receiver.
Figure 1-1.
M02009 Block Diagram
DC
Restore
2.5 k
Phase
Splitter
B.I.S.T.
EN
AGC
PINA
PINK
MON
DOUT
DOUT
2.6 V
1 V
DC Shift


Número de pieza similar - M02009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
More results

Descripción similar - M02009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Assmann Electronics Inc...
A48-LCG-T-R ASSMANN-A48-LCG-T-R Datasheet
200Kb / 1P
   LOW COST IC SOCKET
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
logo
List of Unclassifed Man...
MXR9150G ETC2-MXR9150G Datasheet
185Kb / 8P
   The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
logo
Silicon Laboratories
AN883 SILABS-AN883 Datasheet
950Kb / 4P
   LOW-COST IC LEVEL TRANSLATOR
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
RF68 ETC2-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
   Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com