Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM611001 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de pieza KM611001
Descripción Electrónicos  1M x 1Bit High-Speed CMOS SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM611001 Datasheet(HTML) 2 Page - Samsung semiconductor

  KM611001 Datasheet HTML 1Page - Samsung semiconductor KM611001 Datasheet HTML 2Page - Samsung semiconductor KM611001 Datasheet HTML 3Page - Samsung semiconductor KM611001 Datasheet HTML 4Page - Samsung semiconductor KM611001 Datasheet HTML 5Page - Samsung semiconductor KM611001 Datasheet HTML 6Page - Samsung semiconductor KM611001 Datasheet HTML 7Page - Samsung semiconductor KM611001 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KM611001/L
CMOS SRAM
Rev 2.0
July-1996
2
Stresses greater than those listed under "Absolute Maximum Rating" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to Vss
Voltage on Vcc Supply Relative to Vss
Power Dissipation
Storage Temperature
Operating Temperature
VIN,OUT
VCC
PD
Tstg
TA
- 0.5 to 7.0
- 0.5 to 7.0
1.0
- 65 to 150
0 to 70
V
V
W
°C
°C
ABSOLUTE MAXIMUM RATINGS*
*
RECOMMENDED DC OPERATING CONDITIONS (TA=0to70°C)
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Voltage
Ground
Input Low Voltage
Input High Voltage
VCC
VSS
VIH
VIL
4.5
0
2.2
-0.5*
5.0
0
-
-
5.5
0
Vcc+0.5**
0.8
V
V
V
V
*
VIL(Min) = -2.0 (Pulse Width
for I
** VIH(Max) = VCC+2.0V(Pulse width
for I
≤ 10ns)
≤ 10ns)
≤ 20mA
≤ 20mA
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
Output Leakage Current
Operating Current
Standby Current
Output Low Voltage
Output High Voltage
VIN=Vss to Vcc
/CS=VIH or /OE=VIH or /WE=VIL
VOUT=VSS to Vcc
Min. Cycle, 100% Duty
/CS=VIL, VIN=VIH or VIL,
IOUT=0mA
Min. Cycle, /CS=VIH
f=0MHz,
/CS
-0.2V,
VIN
-0.2V or VIN
IOL=8mA
IOH = - 4mA
ILI
ILO
ICC
ISB
ISB1
VOL
VOH
20ns
25ns
35ns
-2
-2
-
-
-
-
-
-
-
2.4
2
2
130
110
100
40
2
0.5
0.4
-
µA
µA
mA
mA
mA
V
V
≥ Vcc
≤ 0.2V
DC AND OPERATING CHARACTERISTICS
(TA= 0 to 70 °C, VCC=5.0V
10%, unless otherwise specified)
±
≥ Vcc
Normal
L-ver


Número de pieza similar - KM611001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM6161002A SAMSUNG-KM6161002A Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-12 SAMSUNG-KM6161002A-12 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-15 SAMSUNG-KM6161002A-15 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-20 SAMSUNG-KM6161002A-20 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002AI SAMSUNG-KM6161002AI Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
More results

Descripción similar - KM611001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
logo
AMIC Technology
A63L0618 AMICC-A63L0618 Datasheet
243Kb / 17P
   1M X 18 Bit Synchronous High Speed SRAM
A63L06361 AMICC-A63L06361_15 Datasheet
207Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM
logo
Hanbit Electronics Co.,...
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
logo
Brilliance Semiconducto...
BH616UV1611 BSI-BH616UV1611 Datasheet
149Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com