Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA7615 Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza LA7615
Descripción Electrónicos  Single-Chip NTSC Color TV IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7615 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA7615 Datasheet HTML 3Page - Sanyo Semicon Device LA7615 Datasheet HTML 4Page - Sanyo Semicon Device LA7615 Datasheet HTML 5Page - Sanyo Semicon Device LA7615 Datasheet HTML 6Page - Sanyo Semicon Device LA7615 Datasheet HTML 7Page - Sanyo Semicon Device LA7615 Datasheet HTML 8Page - Sanyo Semicon Device LA7615 Datasheet HTML 9Page - Sanyo Semicon Device LA7615 Datasheet HTML 10Page - Sanyo Semicon Device LA7615 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
No. 5841-7/39
LA7615
Bus : Control Register Bit Allocation Map
Control Register Bit Allocations
IC address
Sub address
MSB
Data bits
LSB
IC Add7
→ Add0
¥ Add7
→ Add0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1011
1010
0000
0000
1
On/Off
Video
AFC gain/sync kill
mute
(b1)
(b0)
0001
1
APC gain
B+ trim
(b1)
(b0)
(b3)
(b2)
(b1)
(b0)
0010
1
Hor duty cycle
Horizontal phase
(b1)
(b0)
(b3)
(b2)
(b1)
(b0)
0011
1
BNI
RF AGC delay
defeat
(b5)
(b4)
(b3)
(b2)
(b1)
(b0)
0100
1
IF AGC
AFT
FM level
defeat
defeat
(b4)
(b3)
(b2)
(b1)
(b0)
0101
1
VCO free running
(b6)
(b5)
(b4)
(b3)
(b2)
(b1)
(b0)
0110
1
4.5 MHz trap
(b3)
(b2)
(b1)
(b0)
(b2)
(b1)
(b0)
0111
1
Video
IF APC offset adjust.
switch
(b5)
(b4)
(b3)
(b2)
(b1)
(b0)
1000
1
Vertical
Vertical DC
kill
(b5)
(b4)
(b3)
(b2)
(b1)
(b0)
1001
1
Countdown mode
East-west DC
(b1)
(b0)
(b4)
(b3)
(b2)
(b1)
(b0)
1010
1
East-west amp
(b3)
(b2)
(b1)
(b0)
1011
1
Vertical comp.
East-west tilt
(b2)
(b1)
(b0)
(b3)
(b2)
(b1)
(b0)
1100
1
Vertical size
(b6)
(b5)
(b4)
(b3)
(b2)
(b1)
(b0)
1101
1
Vertical linearity
(b3)
(b2)
(b1)
(b0)
1110
1
FM mode
Vertical S-correction
switch
(b3)
(b2)
(b1)
(b0)
1111
1
East-west bottom corner
East-west top corner
(b2)
(b1)
(b0)
(b2)
(b1)
(b0)
Bits are transmitted in this order


Número de pieza similar - LA7615

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7605M SANYO-LA7605M Datasheet
188Kb / 3P
   Monolithic Linear IC Video Signal Processor
LA76070 SANYO-LA76070 Datasheet
308Kb / 27P
   NTSC Color Television IC
LA76075 SANYO-LA76075 Datasheet
712Kb / 35P
   NTSC Color Television Sets
LA7620 SANYO-LA7620 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
LA7621 SANYO-LA7621 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
More results

Descripción similar - LA7615

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN5165K PANASONIC-AN5165K Datasheet
275Kb / 24P
   A Single Chip IC for NTSC Color-TV
logo
NTE Electronics
NTE7168 NTE-NTE7168 Datasheet
30Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
logo
Toshiba Semiconductor
TA8690AN TOSHIBA-TA8690AN Datasheet
1Mb / 48P
   PAL/NTSC DUAL MODE COLOR TV SINGLE CHIP SIGNAL PROCESSING IC
TA8879N TOSHIBA-TA8879N Datasheet
1Mb / 60P
   1 CHIP NTSC COLOR TV
logo
Mitsubishi Electric Sem...
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
   NTSC System Single-Chip color TV Signal processor
M52339ASP MITSUBISHI-M52339ASP Datasheet
1Mb / 16P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com