Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4421 Datasheet(PDF) 3 Page - Silicon Laboratories

No. de pieza SI4421
Descripción Electrónicos  Fully integrated
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4421 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI4421 Datasheet HTML 1Page - Silicon Laboratories SI4421 Datasheet HTML 2Page - Silicon Laboratories SI4421 Datasheet HTML 3Page - Silicon Laboratories SI4421 Datasheet HTML 4Page - Silicon Laboratories SI4421 Datasheet HTML 5Page - Silicon Laboratories SI4421 Datasheet HTML 6Page - Silicon Laboratories SI4421 Datasheet HTML 7Page - Silicon Laboratories SI4421 Datasheet HTML 8Page - Silicon Laboratories SI4421 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Si4421
3
DETAILED FEATURE-LEVEL DESCRIPTION
The Si4421 FSK transceiver is designed to cover the unlicensed
frequency bands at 433, 868 and 915 MHz. The device
facilitates compliance with FCC and ETSI requirements.
The receiver block employs the Zero-IF approach with I/Q
demodulation, allowing the use of a minimal number of external
components in a typical application. The Si4421 incorporates a
fully integrated multi-band PLL synthesizer, PA with antenna
tuning, an LNA with switchable gain, I/Q down converter mixers,
baseband filters and amplifiers, and an I/Q demodulator
followed by a data filter.
PLL
The programmable PLL synthesizer determines the operating
frequency, while preserving accuracy based on the on-chip crystal-
controlled reference oscillator. The PLL’s high resolution allows the
usage of multiple channels in any of the bands.
RF Power Amplifier (PA)
The power amplifier has an open-collector differential output and
can directly drive different PCB antennas with a programmable
output power level. An automatic antenna tuning circuit is built in
to avoid costly trimming procedures and the so-called “hand
effect”.
LNA
The LNA has approximately 250 Ohm input impedance, which
functions well with the proposed antennas (see: Application
Notes available from www.silabs.com/integration)
If the RF input of the chip is connected to 50 Ohm devices, an
external matching circuit is required to provide the correct
matching and to minimize the noise figure of the receiver.
The LNA gain can be selected in four steps (between 0 and
-20dB relative to the highest gain) according to RF signal
strength. It can be useful in an environment with strong
interferers.
Baseband Filters
The receiver bandwidth is selectable by programming the
bandwidth (BW) of the baseband filters. This allows setting up
the receiver according to the characteristics of the signal to be
received.
An appropriate bandwidth can be chosen to accommodate
various FSK deviation, data rate and crystal tolerance
requirements. The filter structure is 7th order Butterworth low-
pass with 40 dB suppression at 2 · BW frequency. Offset
cancellation is done by using a high-pass filter with a cut-off
frequency below 7 kHz.
Full Baseband Amplifier Transfer Function
BW=67kHz
40.0
20.0
0.00
-20.0
-40.0
-60.0
-80.0
-100
-120
-140
100
1k
10k
100k
1M
Frequency (Hz)
Data Filtering and Clock Recovery
Output data filtering can be completed by an external capacitor
or by using digital filtering according to the final application.
Analog operation: The filter is an RC type low-pass filter followed
by a Schmitt-trigger (St). The resistor (10 kOhm) and the St are
integrated on the chip. An (external) capacitor can be chosen
according to the actual bit rate. In this mode, the receiver can
handle up to 256 kbps data rate. The FIFO cannot be used in this
mode and clock is not provided for the demodulated data.
Digital operation: A digital filter is used with a clock frequency at
29 times the bit rate. In this mode, there is a clock recovery
circuit (CR), which can provide synchronized clock to the data.
Using this clock the received data can fill a FIFO. The CR has
three operation modes: fast, slow, and automatic. In slow mode,
its noise immunity is very high, but it has slower settling time and
requires more accurate data timing than in fast mode. In
automatic mode, the CR automatically changes between fast and
slow mode. The CR starts in fast mode, then after locking, it
automatically switches to slow mode
(Only the digital data filter and the clock recovery use the bit rate
clock. For analog operation, there is no need for setting the
correct bit rate.)


Número de pieza similar - SI4421

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4421DY VISHAY-SI4421DY Datasheet
41Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 17-Feb-03
logo
VBsemi Electronics Co.,...
SI4421DY-T1-E3 VBSEMI-SI4421DY-T1-E3 Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4421DY VISHAY-SI4421DY_V01 Datasheet
172Kb / 8P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4421

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147 Datasheet
400Kb / 19P
   Fully integrated PLL
ICS87974I IDT-ICS87974I Datasheet
167Kb / 16P
   Fully integrated PLL
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
   Fully integrated PLL
logo
NXP Semiconductors
UAA3545 PHILIPS-UAA3545 Datasheet
116Kb / 28P
   Fully integrated DECT transceiver
2001 Sep 06
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
logo
M/A-COM Technology Solu...
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
logo
NXP Semiconductors
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
   fully integrated frequency synthesizer
Version 2.1 June 2001
logo
NXP Semiconductors
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com