Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4438-C Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI4438-C
Descripción Electrónicos  Low active power consumption
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4438-C Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4438-C Datasheet HTML 6Page - Silicon Laboratories SI4438-C Datasheet HTML 7Page - Silicon Laboratories SI4438-C Datasheet HTML 8Page - Silicon Laboratories SI4438-C Datasheet HTML 9Page - Silicon Laboratories SI4438-C Datasheet HTML 10Page - Silicon Laboratories SI4438-C Datasheet HTML 11Page - Silicon Laboratories SI4438-C Datasheet HTML 12Page - Silicon Laboratories SI4438-C Datasheet HTML 13Page - Silicon Laboratories SI4438-C Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Si4438-C
10
Rev 1.0
Table 7. Thermal Operating Characteristics
Parameter
Value
Unit
Operating Ambient Temperature Range TA
–40 to +85
C
Thermal Impedance
JA
25
C/W
Junction Temperature TJMAX
+105
C
Storage Temperature Range TSTG
–55 to +150
C
Table 8. Absolute Maximum Ratings*
Parameter
Value
Unit
VDD to GND
–0.3, +3.8
V
Instantaneous VRF-peak to GND on TX Output Pin
–0.3, +8.0
V
Sustained VRF-peak to GND on TX Output Pin
–0.3, +6.5
V
Voltage on Digital Control Inputs
–0.3, VDD + 0.3
V
Voltage on Analog Inputs
–0.3, VDD + 0.3
V
Voltage on XIN Input when using a TCXO
–0.7, VDD + 0.3
V
RX Input Power
+10
dBm
*Note: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at or beyond these ratings in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Power Amplifier may be damaged if switched on without proper load or termination connected. TX
matching network design will influence TX VRF-peak on TX output pin. Caution: ESD sensitive device.


Número de pieza similar - SI4438-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4438-C2A SILABS-SI4438-C2A Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
More results

Descripción similar - SI4438-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4438 SILABS-SI4438 Datasheet
1Mb / 44P
   Low active power consumption
logo
ATMEL Corporation
ATAR080 ATMEL-ATAR080_14 Datasheet
883Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com