Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si8275GB-IS1 Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza Si8275GB-IS1
Descripción Electrónicos  Single PWM or dual digital inputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8275GB-IS1 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si8275GB-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8275GB-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8275GB-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8275GB-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8275GB-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8275GB-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8275GB-IS1 Datasheet HTML 11Page - Silicon Laboratories Si8275GB-IS1 Datasheet HTML 12Page - Silicon Laboratories Si8275GB-IS1 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Table 2.2. Si827x Family Truth Table1
Si8271 (Single Driver) Truth Table
Inputs
VDDI State
Enable
Output
Notes
VI
VO+
VO–
L
Powered
H
Hi–Z
L
H
Powered
H
H
Hi–Z
X2
Unpowered
X
Hi–Z
L
X
Powered
L
Hi–Z
L
Si8273 (High-Side/Low-Side) Truth Table
Inputs
VDDI State
Enable
Output
Notes
VIA
VIB
VOA
VOB
L
L
Powered
H
L
L
L
H
Powered
H
L
H
H
L
Powered
H
H
L
H
H
Powered
H
L
L
Invalid state.
X2
X2
Unpowered
X
L
L
Output returns to input state within 7
µs of VDDI power restoration.
X
X
Powered
L
L
L
Device is disabled.
Si8274 (PWM Input High-Side/Low-Side) Truth Table
PWM Input
VDDI State
Enable
Output
Notes
VOA
VOB
H
Powered
H
H
L
L
Powered
H
L
H
X2
Unpowered
X
L
L
Output returns to input state within 7
µs of VDDI power restoration.
X
Powered
L
L
L
Device is disabled.
Si8275 (Dual Driver) Truth Table
Inputs
VDDI State
Enable
Output
Notes
VIA
VIB
VOA
VOB
L
L
Powered
H
L
L
L
H
Powered
H
L
H
H
L
Powered
H
H
L
H
H
Powered
H
H
H
X2
X2
Unpowered
X
L
L
Output returns to input state within 7
µs of VDDI power restoration.
X
X
Powered
L
L
L
Device is disabled.
1. This truth table assumes VDDA and VDDB are powered. If VDDA and VDDB are below UVLO, see 2.6.2 Undervoltage Lockout
for more information.
2. An input can power the input die through an internal diode if its source has adequate current.
Si827x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 8


Número de pieza similar - Si8275GB-IS1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8275GB-IS1 SILABS-SI8275GB-IS1 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI8275GB-IS1 SKYWORKS-SI8275GB-IS1 Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
More results

Descripción similar - Si8275GB-IS1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
   6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Gennum Corporation
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
logo
List of Unclassifed Man...
DMX710 ETC1-DMX710 Datasheet
275Kb / 6P
   DMX512 Transmitter with 6/8/12 digital or analoge inputs
logo
THOR communications
H-2ADHD-QAM-IP THOR-H-2ADHD-QAM-IP Datasheet
511Kb / 1P
   Convert 2 HD or SD Inputs to Digital HDTV Channels
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com