Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Si8442BA-D-IU Datasheet(PDF) 1 Page - Silicon Laboratories |
|
Si8442BA-D-IU Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 32 page Rev. 1.2 9/13 Copyright © 2013 by Silicon Laboratories Si844x/5x QSOP Si844x/5x QSOP FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS Features Applications Safety Regulatory Approvals Description Silicon Lab's family of ultra-low-power digital isolators are CMOS devices offering substantial data rate, propagation delay, power, size, reliability, and external BOM advantages when compared to legacy isolation technologies. The operating parameters of these products remain stable across wide temperature ranges throughout their service life. For ease of design, only VDD bypass capacitors are required. Data rates up to 150 Mbps are supported, and all devices achieve worst-case propagation delays of less than 10 ns. These devices are available in a 16-pin QSOP package. High-speed operation DC to 150 Mbps No start-up initialization required Wide Operating Supply Voltage: 2.70–5.5 V Ultra low power (typical) 5 V Operation: < 1.6 mA per channel at 1 Mbps < 6 mA per channel at 100 Mbps 2.70 V Operation: < 1.4 mA per channel at 1 Mbps < 4 mA per channel at 100 Mbps High electromagnetic immunity Up to 1000 VRMS isolation Precise timing (typical) <10 ns worst case 1.5 ns pulse width distortion 0.5 ns channel-channel skew 2 ns propagation delay skew 6 ns minimum pulse width Transient Immunity 25 kV/µs Wide temperature range –40 to 125 °C at 150 Mbps RoHS-compliant packages QSOP-16 Industrial automation systems Isolated switch mode supplies Isolated ADC, DAC Motor control Power inverters Communications systems UL 1577 recognized Up to 1000 VRMS for 1 minute CSA component notice 5A approval VDE certification conformity IEC 60747-5-2 (VDE0884 Part 2) Ordering Information: See page 25. |
Número de pieza similar - Si8442BA-D-IU |
|
Descripción similar - Si8442BA-D-IU |