Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI5345-44-42 Datasheet(PDF) 3 Page - Silicon Laboratories |
|
SI5345-44-42 Datasheet(HTML) 3 Page - Silicon Laboratories |
3 / 62 page Si5345/44/42 Rev. 1.0 3 1. Typical Application Schematic Figure 1. 10G Ethernet Data Center Switch and Compute Blade Schematic CPU/NPU FPGA/ASIC/ SWITCH 1G PHY 1G PHY 10G PHY 10G PHY 125 MHz (LVPECL) 125 MHz (LVPECL) 100 MHz (HCSL) 133.333 MHz (CMOS) 83.333 MHZ (CMOS) 50 MHz (CMOS) 156.25 MHz (LVDS) 156.25 MHz (LVDS) 2.048 MHz 19.44 MHz 125 MHz 100 MHz 156.525 MHz (LVDS) 155.52 MHz (LVDS) PCIe 3.0 DSPLL Si5345 MultiSynth MultiSynth MultiSynth MultiSynth MultiSynth |
Número de pieza similar - SI5345-44-42 |
|
Descripción similar - SI5345-44-42 |