Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si4461 Datasheet(PDF) 2 Page - Silicon Laboratories

No. de pieza Si4461
Descripción Electrónicos  HIGH-PERFORMANCE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4461 Datasheet(HTML) 2 Page - Silicon Laboratories

  Si4461 Datasheet HTML 1Page - Silicon Laboratories Si4461 Datasheet HTML 2Page - Silicon Laboratories Si4461 Datasheet HTML 3Page - Silicon Laboratories Si4461 Datasheet HTML 4Page - Silicon Laboratories Si4461 Datasheet HTML 5Page - Silicon Laboratories Si4461 Datasheet HTML 6Page - Silicon Laboratories Si4461 Datasheet HTML 7Page - Silicon Laboratories Si4461 Datasheet HTML 8Page - Silicon Laboratories Si4461 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Si4464/63/61/60
2
Rev 1.2
Functional Block Diagram
Product
Freq. Range
Max Output
Power
TX Current
RX Current
Narrow Band
Support
Image Cal
Si4464
Banded
119–960 MHz
+20 dBm
915 MHz: 85 mA 10.6/13.6 mA

Si4463
Major bands
142-1050 MHz
+20dBm
169MHz: 70 mA
915 MHz: 85 mA
10/13 mA

Si4461
Major bands
142-1050 MHz
+16dBm
+13dBm: 29 mA
+14 dBm: 33 mA
10/13 mA

Si4460
Major bands
142-1050 MHz
+13dBm
+10dBm: 18 mA
+11 dBm: 20 mA
10/13 mA

VCO
Loop
Filter
PFD / CP
Frac-N Div
30 MHz XO
LO
Gen
LNA
RF
PKDET
PGA
ADC
MODEM
FIFO
Packet
Handler
32K LP
OSC
Bootup
OSC
LBD
POR
IF
PKDET
Digital
Logic
PowerRamp
Cntl
PA
LDO
TX DIV
RXP
RXN
TX
VDD
TXRAMP
XOUT
XIN
nSEL
SDI
SDO
SCLK
nIRQ
LDOs
FBDIV
PA
VDD
GPIO0 GPIO1
GPIO2
GPIO3
SDN


Número de pieza similar - Si4461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI4461 ETC2-SI4461 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4461 ETC2-SI4461 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4461 SILABS-Si4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
Si4461 SILABS-Si4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4461 SILABS-SI4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Descripción similar - Si4461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com