Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5351A Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza SI5351A
Descripción Electrónicos  Supports static phase offset
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5351A Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI5351A Datasheet HTML 3Page - Silicon Laboratories SI5351A Datasheet HTML 4Page - Silicon Laboratories SI5351A Datasheet HTML 5Page - Silicon Laboratories SI5351A Datasheet HTML 6Page - Silicon Laboratories SI5351A Datasheet HTML 7Page - Silicon Laboratories SI5351A Datasheet HTML 8Page - Silicon Laboratories SI5351A Datasheet HTML 9Page - Silicon Laboratories SI5351A Datasheet HTML 10Page - Silicon Laboratories SI5351A Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Si5351A/B/C-B
Rev. 1.0
7
Table 6. Output Clock Characteristics
(VDD = 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Frequency Range1
FCLK
0.0025
200
MHz
Load Capacitance
CL
——
15
pF
Duty Cycle
DC
FCLK < 160 MHz, Measured
at VDD/2
45
50
55
%
FCLK > 160 MHz, Measured
at VDD/2
40
50
60
%
Rise/Fall Time
tr
20%–80%, CL =5pF,
Default high drive strength
—1
1.5
ns
tf
—1
1.5
ns
Output High Voltage
VOH
CL =5pF
VDD – 0.6
V
Output Low Voltage
VOL
——
0.6
V
Period Jitter2,3
JPER
20-QFN, 4 outputs running,
1 per VDDO
—40
95
ps, pk-
pk
10-MSOP or 20-QFN,
all outputs running
70
155
ps, pk-
pk
Cycle-to-Cycle Jitter2,3
JCC
20-QFN, 4 outputs running,
1 per VDDO
—50
90
ps, pk
10-MSOP or 20-QFN,
all outputs running
70
150
ps, pk
Period Jitter VCXO2,3
JPER_VCXO
20-QFN, 4 outputs running,
1 per VDDO
—50
95
ps, pk-
pk
10-MSOP or 20-QFN,
all outputs running
70
155
ps, pk-
pk
Cycle-to-Cycle Jitter
VCXO2,3
JCC_VCXO
20-QFN, 4 outputs running,
1 per VDDO
—50
90
ps, pk
10-MSOP or 20-QFN,
all outputs running
70
150
ps, pk
Notes:
1. Only two unique frequencies above 112.5 MHz can be simultaneously output.
2. Measured over 10K cycles. Jitter is only specified at the default high drive strength (50
 output impedance).
3. Jitter is highly dependent on device frequency configuration. Specifications represent a “worst case, real world”
frequency plan; actual performance may be substantially better. Three-output 10 MSOP package measured with clock
outputs of 74.25, 24.576, and 48 MHz. Eight-output 20 QFN package measured with clock outputs of 33.333, 74.25,
27, 24.576, 22.5792, 28.322, 125, and 48 MHz.


Número de pieza similar - SI5351A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si5351A SILABS-Si5351A Datasheet
1Mb / 20P
   Timing Selector Guide
SI5351A SILABS-SI5351A Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
List of Unclassifed Man...
Si5351A-A-GM ETC2-Si5351A-A-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GT ETC2-Si5351A-A-GT Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GU ETC2-Si5351A-A-GU Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
More results

Descripción similar - SI5351A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT82V3910 IDT-IDT82V3910 Datasheet
183Kb / 13P
   Supports programmable input-to-output phase offset adjustment
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832 Datasheet
352Kb / 2P
   Supports RFID
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
   PCB Supports
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
NXP Semiconductors
MC56F837XXDS NXP-MC56F837XXDS Datasheet
1Mb / 63P
   Supports MC56F837xx
Rev. 1.6, 09/2019
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
   supports tpm
logo
NXP Semiconductors
MWCT1011B NXP-MWCT1011B Datasheet
892Kb / 81P
   Supports MWCT1011BVLH
Rev. 1, 06/2021
logo
Axiomtek Co., Ltd.
P1153-841 AXIOMTEK-P1153-841 Datasheet
345Kb / 2P
   Supports dimming control
P1158-831 AXIOMTEK-P1158-831 Datasheet
362Kb / 2P
   Supports dimming control
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com