Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI53112-A03A Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI53112-A03A
Descripción Electrónicos  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53112-A03A Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI53112-A03A Datasheet HTML 6Page - Silicon Laboratories SI53112-A03A Datasheet HTML 7Page - Silicon Laboratories SI53112-A03A Datasheet HTML 8Page - Silicon Laboratories SI53112-A03A Datasheet HTML 9Page - Silicon Laboratories SI53112-A03A Datasheet HTML 10Page - Silicon Laboratories SI53112-A03A Datasheet HTML 11Page - Silicon Laboratories SI53112-A03A Datasheet HTML 12Page - Silicon Laboratories SI53112-A03A Datasheet HTML 13Page - Silicon Laboratories SI53112-A03A Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Si53112-A03A
10
Rev. 1.0
Table 6. Clock Periods Differential Clock Outputs with SSC Disabled
SSC ON
Center
Freq, MHz
Measurement Window
Units
1 Clock
1 µs
0.1s
0.1s
0.1s
1µs
1 Clock
-C-C Jitter
AbsPer
Min
-SSC
Short
Term AVG
Min
-ppm
Long
Term AVG
Min
0ppm
Period
Nominal
+ppm
Long
Term AVG
Max
+SSC
Short
Term AVG
Max
+C-C
Jitter
AbsPer
Max
100.00
9.94900
9.99900
10.00000
10.00100
10.05100
ns
133.33
7.44925
7.49925
7.50000
7.50075
7.55075
ns
Table 7. Clock Periods Differential Clock Outputs with SSC Enabled
SSC ON
Center
Freq, MHz
Measurement Window
Units
1 Clock
1 µs
0.1s
0.1s
0.1s
1µs
1 Clock
-C-C Jitter
AbsPer
Min
-SSC
Short
Term AVG
Min
-ppm
Long
Term AVG
Min
0ppm
Period
Nominal
+ppm
Long
Term AVG
Max
+SSC
Short
Term AVG
Max
+C-C
Jitter
AbsPer
Max
99.75
9.94900
9.99900
10.02406
10.02506
10.02607
10.05126
10.10126
ns
133.33
7.44925
7.49925
7.51805
7.51880
7.51955
7.53845
7.58845
ns
Table 8. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
3.3 V Core Supply Voltage1
VDD/VDD_A
4.6
V
3.3 V I/O Supply Voltage1
VDD_IO
4.6
V
3.3 V Input High Voltage1,2
VIH
4.6
V
3.3 V Input Low Voltage1
VIL
−0.5
V
Storage Temperature1
ts
–65
150
°C
Input ESD protection3
ESD
2000
V
Notes:
1.
Consult manufacturer regarding extended operation in excess of normal dc operating parameters.
2.
Maximum VIH is not to exceed maximum VDD.
3.
Human body model.


Número de pieza similar - SI53112-A03A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGM SKYWORKS-SI53112-A03AGM Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGMR SKYWORKS-SI53112-A03AGMR Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
More results

Descripción similar - SI53112-A03A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com