Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si53119-A03AGM Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza Si53119-A03AGM
Descripción Electrónicos  PLL or bypass mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53119-A03AGM Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si53119-A03AGM Datasheet HTML 4Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 5Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 6Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 7Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 8Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 9Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 10Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 11Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Si53119-A03A
8
Rev. 1.0
Table 6. Phase Jitter
Parameter
Test Condition
Min
Typ
Max
Unit
Phase Jitter
PLL Mode
PCIe Gen 1, Common Clock1,2,3
—25
86
ps
PCIe Gen 2 Low Band, Common Clock
F < 1.5 MHz1,3,4,5
2.5
3.0
ps
(RMS)
PCIe Gen 2 High Band, Common Clock
1.5 MHz < F < Nyquist1,3,4,5
2.5
3.1
ps
(RMS)
PCIe Gen 3, Common Clock
(PLL BW 2–4 MHz, CDR = 10 MHz)1,3,4,5
0.5
1.0
ps
(RMS)
PCIe Gen 3 Separate Reference No Spread,
SRNS6,7 (PLL BW of 2-4 or 2-5 MHz,
CDR = 10 MHz)1,3,4,5
0.35
0.71
ps
(RMS)
PCIe Gen 4, Common Clock
(PLL BW of 2–4 or 2–5 MHz, CDR = 10 MHz)6,7
—0.5
1.0
ps
(RMS)
Intel® QPI & Intel SMI
(4.8 Gbps or 6.4 Gb/s, 100 or 133 MHz, 12 UI)1,8,9
—0.25
0.5
ps
(RMS)
Intel QPI & Intel SMI
(8 Gb/s, 100 MHz, 12 UI)1,8
—0.15
0.3
ps
(RMS)
Intel QPI & Intel SMI
(9.6 Gb/s, 100 MHz, 12 UI)1,8
—0.16
0.2
ps
(RMS)
Notes:
1.
Post processed evaluation through Intel supplied Matlab* scripts. Defined for a BER of 1E-12. Measured values at a
smaller sample size have to be extrapolated to this BER target.
2.
ζ = 0.54 implies a jitter peaking of 3 dB.
3.
PCIe* Gen 3 filter characteristics are subject to final ratification by PCISIG. Check the PCI-SIG for the latest
specification.
4.
Measured on 100 MHz PCIe output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
5.
Measured on 100 MHz output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
6.
Gen4 specifications based on based on the PCI-Express Base Specification 4.0 rev. 0.5.
7.
Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.
8.
Measured on 100 MHz, 133 MHz output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
9.
These jitter numbers are defined for a BER of 1E-12. Measured numbers at a smaller sample size have to be
extrapolated to this BER target.


Número de pieza similar - Si53119-A03AGM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53119-A03AGM SKYWORKS-SI53119-A03AGM Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53119-A03AGMR SKYWORKS-SI53119-A03AGMR Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
More results

Descripción similar - Si53119-A03AGM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550 Datasheet
301Kb / 18P
   PLL or bypass mode
9ZXL0651 IDT-9ZXL0651 Datasheet
224Kb / 17P
   PLL or bypass mode
9DB833 IDT-9DB833 Datasheet
240Kb / 18P
   PLL or bypass mode
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Skyworks Solutions Inc.
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
RF Micro Devices
RF3857 RFMD-RF3857 Datasheet
624Kb / 11P
   DUAL CHANNEL LNA WITH BYPASS MODE
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
logo
Broadcom Corporation.
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com