Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si53119-A03AGM Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza Si53119-A03AGM
Descripción Electrónicos  PLL or bypass mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53119-A03AGM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si53119-A03AGM Datasheet HTML 7Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 8Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 9Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 10Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 11Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 12Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 13Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 14Page - Silicon Laboratories Si53119-A03AGM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Si53119-A03A
Rev. 1.0
11
Voltage Low (Typ 0.7 V)3,8,13
VLOW
–150
15
150
mV
Maximum Voltage8
VMAX
850
1150
mV
Minimum Voltage
VMIN
–300
mV
Absolute Crossing Point Voltages3,8,14,15,16
VoxABS
300
450
550
mV
Total Variation of Vcross Over All Edges3,8,18
Total ∆
Vox
—14
140
mV
Duty Cycle3,4
DC
45
55
%
Maximum Voltage (Overshoot)3,8,19
Vovs
——
VHigh + 0.3
V
Maximum Voltage (Undershoot)3,8,20
Vuds
——
VLow – 0.3
V
Ringback Voltage3,8
Vrb
0.2
N/A
V
Table 7. DIF 0.7 V AC Timing Characteristics (Non-Spread Spectrum Mode)1 (Continued)
Parameter
Symbol
CLK 100 MHz, 133 MHz
Unit
Min
Typ
Max
Notes:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
This is the time from the valid CLK_IN input clocks and the assertion of the PWRGD signal level at 1.8–2.0 V to the
time that stable clocks are output from the buffer chip (PLL locked).
3.
Test configuration is 2 pF for 85
 transmission line.
4.
Measurement taken from differential waveform.
5.
Using frequency counter with the measurement interval equal or greater than 0.15 s, target frequencies are
99,750,00 Hz, 133,000,000 Hz.
6.
The average period over any 1 µs period of time must be greater than the minimum and less than the maximum
specified period.
7.
Measure taken from differential waveform on a component test board. The edge (slew) rate is measured from
–150 mV to +150 mV on the differential waveform. Scope is set to average because the scope sample clock is making
most of the dynamic wiggles along the clock edge. Only valid for Rising clock and Falling CLOCK. Signal must be
monotonic through the Vol to Voh region for Trise and Tfall.
8.
Measurement taken from single-ended waveform.
9.
Measured with oscilloscope, averaging off, using min max statistics. Variation is the delta between min and max.
10.
Measured with oscilloscope, averaging on. The difference between the rising edge rate (average) of clock verses the
falling edge rate (average) of CLOCK.
11.
Rise/Fall matching is derived using the following, 2*(Trise – Tfall) / (Trise + Tfall).
12.
VHigh is defined as the statistical average High value as obtained by using the Oscilloscope VHigh Math function.
13.
VLow is defined as the statistical average Low value as obtained by using the Oscilloscope VLow Math function.
14.
Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of
CLK.
15.
This measurement refers to the total variation from the lowest crossing point to the highest, regardless of which edge is
crossing.
16.
The crossing point must meet the absolute and relative crossing point specifications simultaneously.
17.
Vcross(rel) Min and Max are derived using the following, Vcross(rel) Min = 0.250 + 0.5 (Vhavg – 0.700), Vcross(rel)
Max = 0.550 – 0.5 (0.700 – Vhavg), (see Figures 3–4 for further clarification).
18.
Vcross is defined as the total variation of all crossing voltages of Rising CLOCK and Falling CLOCK. This is the
maximum allowed variance in Vcross for any particular system.
19.
Overshoot is defined as the absolute value of the maximum voltage.
20.
Undershoot is defined as the absolute value of the minimum voltage.


Número de pieza similar - Si53119-A03AGM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53119-A03AGM SKYWORKS-SI53119-A03AGM Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53119-A03AGMR SKYWORKS-SI53119-A03AGMR Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
More results

Descripción similar - Si53119-A03AGM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550 Datasheet
301Kb / 18P
   PLL or bypass mode
9ZXL0651 IDT-9ZXL0651 Datasheet
224Kb / 17P
   PLL or bypass mode
9DB833 IDT-9DB833 Datasheet
240Kb / 18P
   PLL or bypass mode
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Skyworks Solutions Inc.
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
RF Micro Devices
RF3857 RFMD-RF3857 Datasheet
624Kb / 11P
   DUAL CHANNEL LNA WITH BYPASS MODE
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
logo
Broadcom Corporation.
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com