Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI53342-B-GM Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI53342-B-GM
Descripción Electrónicos  Multiple configuration options
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53342-B-GM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI53342-B-GM Datasheet HTML 7Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 8Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 9Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 10Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 11Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 12Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 13Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 14Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Frequency
(MHz)
Differential
Input Slew Rate (V/ns)
Source Jitter
(fs)
Total Jitter
(SE) (fs)
Additive Jitter
(SE) (fs)
Total Jitter
(Differential) (fs)
Additive Jitter
(Differential) (fs)
312.5
1.0
33.10
94.39
88.39
83.80
76.99
Figure 2.10. Total Jitter Differential Input (312.5 MHz)
Frequency
(MHz)
Differential
Input Slew Rate (V/ns)
Source Jitter
(fs)
Total Jitter
(SE) (fs)
Additive Jitter
(SE) (fs)
Total Jitter
(Differential) (fs)
Additive Jitter
(Differential) (fs)
625
1.0
23
57
52
59
54
Figure 2.11. Total Jitter Differential Input (625 MHz)
Si53340-45 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 10


Número de pieza similar - SI53342-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53342-B-GM SKYWORKS-SI53342-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
SI53342-B-GM SKYWORKS-SI53342-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
More results

Descripción similar - SI53342-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
PJT-40W DELTA-PJT-40W Datasheet
480Kb / 9P
   Multiple connector source options
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
MAX44267EVKIT MAXIM-MAX44267EVKIT Datasheet
793Kb / 7P
   Accommodate Multiple Op-Amp Configuration
19-7520; Rev 0; 2/15
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Maxim Integrated Produc...
MAX77655EVKIT MAXIM-MAX77655EVKIT Datasheet
3Mb / 22P
   Evaluation of Multiple On-Key Options
Rev 0; 8/20
logo
Tyco Electronics
6VM1 MACOM-6VM1_11 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
6VM1 TEC-6VM1 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
NXP Semiconductors
CBTD3306 NXP-CBTD3306_11 Datasheet
149Kb / 17P
   Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
logo
Moxa Inc.
EXPC-1519 MOXA-EXPC-1519 Datasheet
2Mb / 8P
   Zone 2 19-inch panel computers with multiple connectivity options
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com