Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1561IRZ Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL1561IRZ
Descripción Electrónicos  3 pin serial port interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL1561IRZ Datasheet HTML 2Page - Intersil Corporation ISL1561IRZ Datasheet HTML 3Page - Intersil Corporation ISL1561IRZ Datasheet HTML 4Page - Intersil Corporation ISL1561IRZ Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ Datasheet HTML 9Page - Intersil Corporation ISL1561IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL1561
6
FN7941.1
February 26, 2013
Typical Performance Curves V
CC = +14V, Rb = 5.1Ω, Gain at the Load = 11.6V/V (Differential), RLOAD = 51Ω,
TA = +25°C, Unless otherwise noted.
FIGURE 4. SMALL SIGNAL FREQUENCY RESPONSE vs BIAS CURRENT
FIGURE 5. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 6. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
FIGURE 7. COMMON MODE SMALL SIGNAL RESPONSE vs BIAS
CURRENT
FIGURE 8. POWER CONSUMPTION vs LINE POWER
FIGURE 9. VDSL2+ 8b Avg. MBPR US1 vs LINE POWER
-9
-6
-3
0
3
6
9
1M
10M
100M
1G
FREQUENCY (Hz)
VO = 0.5VP-P
8mA/PORT
10mA/PORT
12mA/PORT
14mA/PORT
-9
-6
-3
0
3
6
9
10mA/PORT
1M
10M
100M
1G
FREQUENCY (Hz)
VO = 1VP-P
VO = 2VP-P
VO = 5VP-P
VO = 10VP-P
-6
-3
0
3
6
9
10mA/PORT
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 5.6pF
CL = 15pF
CL = 27pF
CL = 39pF
-9
-6
-3
0
3
6
9
100k
1M
10M
100M
FREQUENCY (Hz)
VO = 0.5VP-P
8mA/PORT
10mA/PORT
12mA/PORT
14mA/PORT
200
300
400
500
600
700
8
10
12
14
16
18
20
LINE POWER (dBm)
8MHz PROFILE (10mA/PORT)
17MHz (12mA/PORT)
ADSL2 SMARTG (8mA/PORT)
0
100
200
300
400
500
600
700
-80
-75
-70
-65
-60
-55
-50
10
11
12
13
14
15
16
17
18
19
20
CF = 6.56V/V
MBPR (dBc)
Pd (mW)
LINE POWER (dBm)


Número de pieza similar - ISL1561IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1561IRZ INTERSIL-ISL1561IRZ Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
logo
Renesas Technology Corp
ISL1561IRZ RENESAS-ISL1561IRZ Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

Descripción similar - ISL1561IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI-TUSB2036 Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
logo
Assmann Electronics Inc...
AK231-2-R ASSMANN-AK231-2-R Datasheet
108Kb / 1P
   Serial Connection Cable for 9 Pin Interface
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
   SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
logo
ON Semiconductor
LE24CBK23MC ONSEMI-LE24CBK23MC Datasheet
1Mb / 21P
   Dual port EEPROM Two Wire Serial Interface
July, 2013
logo
NXP Semiconductors
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
   3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
Texas Instruments
DAC8043 TI-DAC8043 Datasheet
281Kb / 11P
[Old version datasheet]   12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com