Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD1005-S01575 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

No. de pieza CD1005-S01575
Descripción Electrónicos  Switching Chip Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-S01575 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CD1005-S01575 Datasheet HTML 1Page - Bourns Electronic Solutions CD1005-S01575 Datasheet HTML 2Page - Bourns Electronic Solutions CD1005-S01575 Datasheet HTML 3Page - Bourns Electronic Solutions CD1005-S01575 Datasheet HTML 4Page - Bourns Electronic Solutions CD1005-S01575 Datasheet HTML 5Page - Bourns Electronic Solutions CD1005-S01575 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1000
100
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Forward Voltage (Volts)
10
125
°C 85 °C
-25
°C
25
°C
0
0.1
1.0
10.0
100.0
020
40
60
80
Reverse Voltage (Volts)
25
°C
85
°C
125
°C
120
100
80
60
40
20
0
0
25
50
75
100
125
150
Ambient Temperature (
°C)
Mounting on glass epoxy PCBs
5.0
4.0
3.0
2.0
1.0
0.0
02
4
6
8
10
12
14
Reverse Voltage (Volts)
F = 100 MHz
Ta = 25
° C
Switching Chip Diode Series - 0603/1005
Rating & Characteristic Curves: CDxxxx-S0180R
Forward Characteristics
Reverse Characteristics
Derating Curve
Capacitance Between Terminals
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Número de pieza similar - CD1005-S01575

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CD1005-S01575R BOURNS-CD1005-S01575R Datasheet
224Kb / 6P
   Switching Chip Diode Series
More results

Descripción similar - CD1005-S01575

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CD0603-S0180R BOURNS-CD0603-S0180R Datasheet
224Kb / 6P
   Switching Chip Diode Series
CD0805-S0180R BOURNS-CD0805-S0180R Datasheet
297Kb / 6P
   Switching Chip Diode Series
CD0603-S01575 BOURNS-CD0603-S01575 Datasheet
260Kb / 4P
   Switching Chip Diode
logo
Central Semiconductor C...
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD91 CENTRAL-CPD91 Datasheet
30Kb / 1P
   Switching Diode Low Leakage Switching Diode Chip
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD91V CENTRAL-CPD91V_10 Datasheet
825Kb / 2P
   Switching Diode Low Leakage Switching Diode Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com