Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3285EFRTZ-T Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL3285EFRTZ-T
Descripción Electrónicos  ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3285EFRTZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL3285EFRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL3285EFRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL3285EFRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL3285EFRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL3285EFRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL3285EFRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL3285EFRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL3285EFRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL3285EFRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
5
FN6543.4
July 27, 2015
Submit Document Feedback
FIGURE 2. NETWORK WITHOUT ENABLES
FIGURE 3. NETWORK WITH VL PIN FOR INTERFACE TO LOWER VOLTAGE LOGIC DEVICES
Typical Operating Circuits (Continued)
0.1µF
+
R
5
4
1
3
2
VCC
GND
RO
B
A
+3.3V TO 5V
0.1µF
+
4
6
2
3
1
5
VCC
GND
DE
DI
Z
Y
RT
+3.3V
ISL3280E
ISL329xE
1kΩ TO 3kΩ
D
0.1µF
+
R
5
8
4
1
7
2
VCC
GND
RO
RE
B
A
+3.3V TO 5V
0.1µF
+
D
7
6
8
2
3
4, 5
VCC
GND
DE
DI
Z
Y
RT
+3.3V
ISL3282E
ISL3298E
1
VL
2.5V
6
VL
1.8V
VCC
LOGIC
DEVICE
(
P, ASIC,
UART)
VCC
LOGIC
DEVICE
(µP, ASIC,
UART)
NOTE: IF POWERED FROM SEPARATE SUPPLIES,
POWER-UP VCC BEFORE VL


Número de pieza similar - ISL3285EFRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ISL3285EFRTZ-T IDT-ISL3285EFRTZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3285EFRTZ-T RENESAS-ISL3285EFRTZ-T Datasheet
944Kb / 16P
   Clock distribution
More results

Descripción similar - ISL3285EFRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com