Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK15C68-S35 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza STK15C68-S35
Descripción Electrónicos  8K x 8 AutoStore nvSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK15C68-S35 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  STK15C68-S35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C68-S35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C68-S35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C68-S35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C68-S35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C68-S35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C68-S35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C68-S35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C68-S35 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STK15C68
4-68
Internally, RECALL is a two step procedure. First,
the SRAM data is cleared and second, the nonvola-
tile information is transferred into the SRAM cells.
After the t
RECALL cycle time the SRAM will once again
be ready for READ and WRITE operations. The
RECALL
operation in no way alters the data in the
EEPROM
cells. The nonvolatile data can be recalled
an unlimited number of times.
AutoStoreTM OPERATION
The STK15C68 uses the intrinsic system capaci-
tance to perform an automatic store on power
down. As long as the system power supply takes at
least t
STORE to decay from VSWITCH down to 3.6V the
STK15C68 will safely and automatically store the
SRAM
data in EEPROM on power-down.
In order to prevent unneeded STORE operations,
automatic STORE will be ignored unless at least
one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software initi-
ated STORE cycles are performed regardless of
whether a WRITE operation has taken place.
POWER UP RECALL
During power up, or after any low power condition
(V
CC
< V
RESET)
an internal recall request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH, a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
HARDWARE PROTECT
The STK15C68 offers hardware protection against
inadvertent STORE operation during low voltage
conditions. When V
CC
< V
SWITCH
Software STORE
operations will be inhibited.
LOW AVERAGE ACTIVE POWER
The STK15C68 draws significantly less current
when it is cycled at times longer than 55ns.
Figure
2, below, shows the relationship between I
CC and
READ
cycle time. Worst case current consumption
is shown for both CMOS and TTL input levels (com-
mercial temperature range, V
CC = 5.5V, 100% duty
cycle on chip enable).
Figure 3 shows the same
relationship for WRITE cycles. If the chip enable
duty cycle is less than 100%, only standby current
is drawn when the chip is disabled. The overall
average current drawn by the STK15C68 depends
on the following items: 1) CMOS vs. TTL input lev-
els; 2) the duty cycle of chip enable; 3) the overall
cycle rate for accesses; 4) the ratio of READ’s to
WRITE
’s; 5) the operating temperature; 6) the VCC
level and; 7) I/O loading.
Cycle Time (ns)
Cycle Time (ns)
CMOS
TTL
40
Fig. 2 - Icc (max) Reads
100
20
100
50
60
80
200
150
0
100
20
100
50
60
80
200
150
0
40
Fig. 3 - Icc (Max) Writes
CMOS
TTL


Número de pieza similar - STK15C68-S35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK15C68-SF25 SIMTEK-STK15C68-SF25 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-SF25 SIMTEK-STK15C68-SF25 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25I SIMTEK-STK15C68-SF25I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-SF25I SIMTEK-STK15C68-SF25I Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25ITR SIMTEK-STK15C68-SF25ITR Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
More results

Descripción similar - STK15C68-S35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com