Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STK10C48-P25I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
STK10C48-P25I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 9 page STK10C48 July 1999 3-4 SRAM WRITE CYCLES #1 & #2 (VCC = 5.0V ± 10%) b Note j: If W is low when E goes low, the outputs remain in the high-impedance state. Note k: E or W must be ≥ V IH during address transitions. NE ≥ VIH. SRAM WRITE CYCLE #1: W Controlledk SRAM WRITE CYCLE #2: E Controlledk NO. SYMBOLS PARAMETER STK10C48-20 STK10C48-25 STK10C48-35 STK10C48-45 UNITS #1 #2 Alt. MIN MAX MIN MAX MIN MAX MIN MAX 12 tAVAV tAVAV tWC Write Cycle Time 20 25 35 45 ns 13 tWLWH tWLEH tWP Write Pulse Width 15 20 25 30 ns 14 tELWH tELEH tCW Chip Enable to End of Write 15 20 25 30 ns 15 tDVWH tDVEH tDW Data Set-up to End of Write 8 10 12 15 ns 16 tWHDX tEHDX tDH Data Hold after End of Write 0 0 0 0 ns 17 tAVWH tAVEH tAW Address Set-up to End of Write 15 20 25 30 ns 18 tAVWL tAVEL tAS Address Set-up to Start of Write 0 0 0 0 ns 19 tWHAX tEHAX tWR Address Hold after End of Write 0 0 0 0 ns 20 tWLQZ i, j tWZ Write Enable to Output Disable 7 10 13 15 ns 21 tWHQX tOW Output Active after End of Write 5 5 5 5 ns PREVIOUS DATA DATA OUT E ADDRESS 12 tAVAV W 16 tWHDX DATA IN 19 tWHAX 13 tWLWH 18 tAVWL 17 tAVWH DATA VALID 20 tWLQZ 15 tDVWH HIGH IMPEDANCE 21 tWHQX 14 tELWH DATA OUT E ADDRESS 12 tAVAV W DATA IN 13 tWLEH 17 tAVEH DATA VALID HIGH IMPEDANCE 14 tELEH 18 tAVEL 19 tEHAX 15 tDVEH 16 tEHDX |
Número de pieza similar - STK10C48-P25I |
|
Descripción similar - STK10C48-P25I |