Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5S18A Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza SM5S18A
Descripción Electrónicos  Glass passivated junction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM5S18A Datasheet(HTML) 1 Page - Micro Commercial Components

  SM5S18A Datasheet HTML 1Page - Micro Commercial Components SM5S18A Datasheet HTML 2Page - Micro Commercial Components SM5S18A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM5S14A
THRU
SM5S36A
3
600 Watt
Transient Voltage
Suppressors
14
to 36 Volts
Features
Low Leakage
Glass passivated junction
Excellent clamping capability
Uni-directional polarity
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Peak Forward Surge Current
IFSM
500A
Note:3
2. Non-repetitive current pulse, per Fig.2 and derated above TA=25
oC per Fig.1
Halogen free available upon request by adding suffix "-HF"
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
3. Peak forward surge current 8.3 ms single half sine
Power Dissipation On Infinite
Heatsink At TL=25
oC
PD
5.0W
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.590
0.630
15.00
16.00
DIMENSIONS
B
0.524
0.539
13.30
13.70
C
0.374
0.413
9.50
10.50
D
0.323
0.339
8.20
8.60
E
0.091
0.114
2.30
2.90
F
0.343
0.366
8.70
9.30
G
0.382
0.406
9.70
10.30
H
0.189
0.205
4.80
5.20
J
0.098
0.138
2.50
3.50
K
0.067
0.106
1.70
2.70
L
0.020
0.028
0.50
0.70
A
B
E
D
C
F
G
H
L
K
J
9.5mm
15.8mm
11.0mm
3.3mm
3.5mm
3.0mm
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
Revision:
B
2015/03/24
1 of 3
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
DO-218AB
Meet ISO7637-2 5a surge specification
0D[LPXP5DWLQJ
Operating Temperature: -55
°C to +175°C
Storage Temperature: -55
°C to +175°C
Peak Pulse Current with
a 10/1000us waveform
IPPM
See Table 1 Note 2
Peak Power Dissipation with
a 10/1000us waveform
PPPM
3600W
Note 2
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Polarity: Heatsink is anode
AEC-Q101
Qualified
Peak Power Dissipation with
a 10/10000us waveform
PPPM
2800W
Note 2
Micro Commercial Components
M C C
R


Número de pieza similar - SM5S18A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SM5S18A VISHAY-SM5S18A Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM5S18A VISHAY-SM5S18A Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S18A VISHAY-SM5S18A Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
Shenzhen Luguang Electr...
SM5S18A LUGUANG-SM5S18A Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM5S18A VISHAY-SM5S18A Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
More results

Descripción similar - SM5S18A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com