Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU406G Datasheet(PDF) 1 Page - ON Semiconductor |
|
BU406G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 3 page © Semiconductor Components Industries, LLC, 2014 November, 2014 − Rev. 11 1 Publication Order Number: BU406/D BU406, BU407 NPN Power Transistors These devices are high voltage, high speed transistors for horizontal deflection output stages of TV’s and CRT’s. Features • High Voltage • Fast Switching Speed • Low Saturation Voltage • These Devices are Pb−Free and are RoHS Compliant* MAXIMUM RATINGS Rating Symbol Value Unit Collector−Emitter Voltage BU406 BU407 VCEO 200 150 Vdc Collector−Emitter Voltage BU406 BU407 VCEV 400 330 Vdc Collector−Base Voltage BU406 BU407 VCBO 400 330 Vdc Emitter−Base Voltage VEBO 6 Vdc Collector Current − Continuous − Peak Repetitive IC 7 10 Adc Collector Current − Peak (10 ms) ICM 15 Adc Base Current IB 4 Adc Total Device Dissipation @ TC = 25_C Derate above 25 °C PD 60 0.48 W W/ _C Operating and Storage Junction Temperature Storage TJ, Tstg −65 to 150 _C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. THERMAL CHARACTERISTICS Characteristics Symbol Max Unit Thermal Resistance, Junction−to−Case RqJC 2.08 _C/W Thermal Resistance, Junction−to−Ambient RqJA 70 _C/W Maximum Lead Temperature for Soldering Purposes1/8 ″ from Case for 5 Seconds TL 260 _C *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. NPN SILICON POWER TRANSISTORS 7 AMPERES − 60 WATTS 150 AND 200 VOLTS www.onsemi.com BU40x = Specific Device Code x = 6 or 7 A = Assembly Location Y = Year WW = Work Week G = Pb−Free Package Device Package Shipping ORDERING INFORMATION BU406G TO−220AB (Pb−Free) 50 Units / Rail BU40xG AY WW BU407G TO−220AB (Pb−Free) 50 Units / Rail TO−220 CASE 221A STYLE 1 MARKING DIAGRAM 1 2 3 4 1 1 BASE 3 EMITTER COLLECTOR 2,4 SCHEMATIC |
Número de pieza similar - BU406G |
|
Descripción similar - BU406G |