Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU406G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BU406G
Descripción Electrónicos  NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU406G Datasheet(HTML) 2 Page - ON Semiconductor

  BU406G Datasheet HTML 1Page - ON Semiconductor BU406G Datasheet HTML 2Page - ON Semiconductor BU406G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BU406, BU407
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
BU406
(IC = 100 mAdc, IB = 0)
BU407
VCEO(sus)
200
150
Vdc
Collector Cutoff Current
(VCE = Rated VCEV, VBE = 0)
(VCE = Rated VCEO + 50 Vdc, VBE = 0)
(VCE = Rated VCEO + 50 Vdc, VBE = 0, TC = 150_C)
ICES
5
0.1
1
mAdc
Emitter Cutoff Current
BU406, BU407
(VEB = 6 Vdc, IC = 0)
IEBO
1
mAdc
ON CHARACTERISTICS (Note 1)
Collector−Emitter Saturation Voltage
(IC = 5 Adc, IB = 0.5 Adc)
VCE(sat)
1
Vdc
Base−Emitter Saturation Voltage
(IC = 5 Adc, IB = 0.5 Adc)
VBE(sat)
1.2
Vdc
Forward Diode Voltage
(IEC = 5 Adc) “D” only
VEC
2
Volts
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, ftest = 20 MHz)
fT
10
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
80
pF
SWITCHING CHARACTERISTICS
Inductive Load Crossover Time
(VCC = 40 Vdc, IC = 5 Adc, IB1 = IB2 = 0.5 Adc, L = 150 mH)
tc
0.75
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 1%.
100
0.1
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
10
0.2 0.3 0.5
0.7
1
5
7
10
50
20
70
30
TJ = 100°C
25
°C
23
VCE = 5 V
10
2
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1
720
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3
5
30
50
70
200
0.1
10
TC = 25°C
Figure 2. Maximum Rated Forward
Bias Safe Operating Area
100
BU407
BU406
dc


Número de pieza similar - BU406G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BU406G ONSEMI-BU406G Datasheet
127Kb / 3P
   NPN Power Transistors
May, 2009 ??Rev. 8
logo
Unisonic Technologies
BU406G-X-T3P-T UTC-BU406G-X-T3P-T Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
BU406G-X-TA3-T UTC-BU406G-X-TA3-T Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
BU406G-X-TF1-T UTC-BU406G-X-TF1-T Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
BU406G-X-TF3-T UTC-BU406G-X-TF3-T Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results

Descripción similar - BU406G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
Suntac Electronic Corp.
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com