Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS-BGA324B-05 Datasheet(PDF) 1 Page - Ironwood Electronics.

No. de pieza LS-BGA324B-05
Descripción Electrónicos  Primary dimension units are millimeters,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA324B-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA324B-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.588
2.413
0.2032±0.0127
FRONT VIEW
1
2
14.8625 (x4)
24.13
9.7825
12.3225
34.725
2.50
2.50
11.6900
12.4400
14.8625 (x4)
1.27 typ.
0.4826 pad
TOP VIEW
3
ISO View
ITEM NO.
DESCRIPTION
Material
1
Substrate
3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material.
Non-clad.
2
Pin
Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
3
#0-80 internal Thread brass
insert, Press fit
Brass
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise.
Materials and specifications are subject to change without notice.
Description: BGA324B land socket, 27mm package, 1.27mm pitch, 20x20 array. Mates with Ironwood GHz socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 03/04/2013
Material: N/A
Finish: N/A
Weight: 6.34
LS-BGA324B-05 Drawing
SCALE: 2:1
SHEET: 1 OF 1
ENG: E. Smolentseva
FILE: LS-BGA324B-05 Dwg


Número de pieza similar - LS-BGA324B-05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
LS-BGA324A-41 IRONWOOD-LS-BGA324A-41 Datasheet
34Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324G-05 IRONWOOD-LS-BGA324G-05 Datasheet
36Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324G-41 IRONWOOD-LS-BGA324G-41 Datasheet
33Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324J-05 IRONWOOD-LS-BGA324J-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324J-41 IRONWOOD-LS-BGA324J-41 Datasheet
34Kb / 1P
   Materials and specifications are subject to change without notice
More results

Descripción similar - LS-BGA324B-05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com