Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ456 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza 2SJ456
Descripción Electrónicos  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ456 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SJ456 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ456 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ456 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ456 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ456
No.5442-1/4
Features
Low ON-resistance.
High-speed diode incorporated.
Enables simplified fabrication, high-density mount-
ing, and miniaturization in end products due to the
surface mountable package.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--250
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
--9
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--36
A
Allowable Power Dissipation
PD
Tc=25
°C50
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--250
V
Gate-to-Source Breakdown Voltage
V(BR)GSS
IG=±100µA, VDS=0
±30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--250V, VGS=0
--1.0
mA
Gate-to-Source Leakage Current
IGSS
VGS=±25V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--2.0
--3.0
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--5A
4.8
8.0
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=--5A, VGS=--10V
0.4
0.55
Input Capacitance
Ciss
VDS=--20V, f=1MHz
1950
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
505
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
230
pF
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN5442A
2SJ456
Package Dimensions
unit : mm
2128
[2SJ456]
22004 TS IM TA-3871
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
1 : Gate
2 : Source
3 : Drain
SANYO : ZP
6.2
7.8
8.2
1.0
1.0
5.08
2.54
2.54
0.3
0.6
0.6
7.8
10.0
6.0
1
2
3


Número de pieza similar - 2SJ456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ450 HITACHI-2SJ450 Datasheet
44Kb / 9P
   Silicon P-Channel MOS FET
2SJ451 HITACHI-2SJ451 Datasheet
40Kb / 8P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ451 RENESAS-2SJ451 Datasheet
110Kb / 7P
   Silicon P Channel MOS FET
2SJ451ZK-TL-E RENESAS-2SJ451ZK-TL-E Datasheet
110Kb / 7P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ451ZK-TL-E VBSEMI-2SJ451ZK-TL-E Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Descripción similar - 2SJ456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com