Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1645 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza 2SK1645
Descripción Electrónicos  For C to X-band Local Oscillator and Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK1645 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK1645 Datasheet HTML 1Page - Sanyo Semicon Device 2SK1645 Datasheet HTML 2Page - Sanyo Semicon Device 2SK1645 Datasheet HTML 3Page - Sanyo Semicon Device 2SK1645 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK1645
No.0000-2/4
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gate-to-Source Breakdown Voltage
V(BR)GSO
IGS=--10µA
--5.0
V
Saturated Drain Current
IDSS
VDS=3V, VGS=0
30
60
100
mA
Gate-to-Source Cutoff Voltage
VGS(off)
VDS=3V, ID=100µA
--0.5
--1.5
--5.0
V
Forward Transfer Admittance
yfs
VDS=3V, ID=10mA
40
mS
Minimum Noise Figure
NFmin
VDS=3V, ID=10mA, f=12GHz
2.5
dB
Associated Gain
Ga
VDS=3V, ID=10mA, f=12GHz
5.5
dB
Maximum Available Gain
MAG
VDS=3V, ID=10mA, f=12GHz
7.0
dB
* : The 2SK1645 is classified by IDSS as follows : unit : mA
IDSS RANK
RANGE (mA)
03
30 to 65
04
55 to 100
S-Parameter
S11 VDS=3V, ID=10mA, 20mA
S12 VDS=3V, ID=10mA, 20mA
S21 VDS=3V, ID=10mA, 20mA
S22 VDS=3V, ID=10mA, 20mA
50
25
10
0
10
--10
--25
--50
--100
--150
1.0unit, max
0.25unit, max
5.0unit, max
1.0unit, max
--200
--250
100
150
200
250
100
150 250
<6GHz>
ID=10mA
6GHz
<9GHz>
9GHz
50
25
90˚
120˚
150˚
±180˚
--150˚
--120˚
--90˚
--30˚
0
60˚
30˚
90˚
120˚
150˚
±180˚
--150˚
--120˚
--90˚
--30˚
--60˚
0
60˚
30˚
50
25
10
0
10
25
--10
--25
--50
--100
--150
--200
--250
100
150
200
250
100
150
250
50
IT03196
IT03197
IT03198
IT03199
<12GHz>
12GHz
<15GHz>
15GHz
<9GHz>
<3GHz>
9GHz
<6GHz>
6GHz
3GHz
--60˚
<6GHz>
6GHz
<9GHz>
9GHz
12GHz
15GHz
ID=20mA
ID=10mA
<6GHz>
ID=20mA
ID=10mA
6GHz
<9GHz>
9GHz
<12GHz>
12GHz
ID=20mA


Número de pieza similar - 2SK1645

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK1641 ISC-2SK1641 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1642 TOSHIBA-2SK1642 Datasheet
678Kb / 9P
   TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
logo
Inchange Semiconductor ...
2SK1642 ISC-2SK1642 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2SK1643 ISC-2SK1643 Datasheet
66Kb / 2P
   Fast Switching Speed
logo
Sanyo Semicon Device
2SK1646 SANYO-2SK1646 Datasheet
33Kb / 4P
   For C to X-band Local Oscillator and Amplifier
More results

Descripción similar - 2SK1645

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK1646 SANYO-2SK1646 Datasheet
33Kb / 4P
   For C to X-band Local Oscillator and Amplifier
SGF25 SANYO-SGF25 Datasheet
63Kb / 3P
   For C- to X-band local oscillator and amplifier
SGF9 SANYO-SGF9 Datasheet
66Kb / 8P
   For C to X-band Local Oscillator and Amplifier
SGF31 SANYO-SGF31 Datasheet
37Kb / 5P
   For C to Ku-band Local Oscillator and Amplifier
SGF35 SANYO-SGF35 Datasheet
47Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
SGF29 SANYO-SGF29 Datasheet
38Kb / 5P
   For C to Ku-band Local Oscillator and Amplifier
SGF33 SANYO-SGF33 Datasheet
46Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
2SC4404 SANYO-2SC4404 Datasheet
101Kb / 4P
   UHF Local Oscillator, Wide-Band Amplifier Applications???????
logo
NEC
NE72118 NEC-NE72118 Datasheet
46Kb / 4P
   C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
logo
Hitachi Semiconductor
2SC2731 HITACHI-2SC2731 Datasheet
36Kb / 1P
   UHF TV TUNER FREQUENCY CONVERTER, LOCAL OSCILLATOR AND WIDE BAND AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com