Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS-BGA616B-05 Datasheet(PDF) 1 Page - Ironwood Electronics.

No. de pieza LS-BGA616B-05
Descripción Electrónicos  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA616B-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA616B-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A1
1
2
1
0-80 Threaded Insert
3.18mm [0.125"]
1.00mm typ.
[0.039"]
25.00mm [0.984"]
34.725mm [1.367"]
2.74mm [0.108"]
2.50mm [0.098"]
25.00mm
[0.984"]
5.08mm
[0.200"]
2.36mm
[0.093"]
2.50mm
[0.098"]
34.725mm
[1.367"]
29.725mm [1.170"]
Ø 0.4826mm typ.[Ø ]
Pin: Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
2.54mm
[0.100"]
29.725mm
[1.170"]
2
2.41mm [0.095"]
Substrate: 3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material. Non-clad.
Side View
Top View
Description: Thru hole Adaptor
616 position surface mount land pattern to terminal pins (1mm centers, 26x26 array). To be used with GHz sockets.
Status: Released
Drawing: M.A. Fedde
Scale: 3:1
Rev: A
Date: 8-1-13
Modified:
File: LS-BGA616B-05 Dwg
LS-BGA616B-05 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
RoHS
RoHS


Número de pieza similar - LS-BGA616B-05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
LS-BGA600C-05 IRONWOOD-LS-BGA600C-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA60C-61 IRONWOOD-LS-BGA60C-61 Datasheet
19Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA60F-61 IRONWOOD-LS-BGA60F-61 Datasheet
18Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA60K-05 IRONWOOD-LS-BGA60K-05 Datasheet
112Kb / 2P
   Primary dimension units are millimeters
LS-BGA624B-05 IRONWOOD-LS-BGA624B-05 Datasheet
151Kb / 1P
   Primary dimension units are millimeters
More results

Descripción similar - LS-BGA616B-05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com