Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC700 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
LC700 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 10 page 5 Patient Care Unit with Standard Laminate or Optional Terreon® Top Installation Instructions LC700, LC750 Bradley Corporation • 215-1171 Rev. D; EN 04-1037 8/16/04 Installation Instructions continued . . . Step 3: Install the water closet and waste connections 1. Place the water closet over the water closet support anchors installed in Step 2 on page 4. 2. Using the gasket supplied, connect the water closet to the floor waste outlet (gaskets supplied by installer) (see Figure 8). NOTE: If the waste outlet is through the back or side wall, use a no-hub type connector (available as an option) but DO NOT tighten the connector (see Figure 9). 3. Square the water closet to the back wall. Level and support the water closet solidly at the four corners using shims (supplied by installer) if necessary. 4. Secure the water closet to the four floor anchors using the 1/2" hex screws and washers supplied and tighten securely (see Figure 8). 5. On patient care units with a back waste connection, tighten the connector clamps at this time. Figure 7 Figure 8 Figure 9 |
Número de pieza similar - LC700 |
|
Descripción similar - LC700 |