Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8476ARMZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8476ARMZ
Descripción Electrónicos  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8476ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8476ARMZ Datasheet HTML 3Page - Analog Devices AD8476ARMZ Datasheet HTML 4Page - Analog Devices AD8476ARMZ Datasheet HTML 5Page - Analog Devices AD8476ARMZ Datasheet HTML 6Page - Analog Devices AD8476ARMZ Datasheet HTML 7Page - Analog Devices AD8476ARMZ Datasheet HTML 8Page - Analog Devices AD8476ARMZ Datasheet HTML 9Page - Analog Devices AD8476ARMZ Datasheet HTML 10Page - Analog Devices AD8476ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD8476
Data Sheet
Rev. B | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
INN
1
+VS 2
VOCM
3
+OUT
4
INP
8
–VS
7
NC
6
–OUT
5
AD8476
TOP VIEW
(Not to Scale)
NOTES
1. PINS LABELED NC CAN BE ALLOWED
TO FLOAT, BUT IT IS BETTER TO CONNECT
THESE PINS TO GROUND. AVOID ROUTING
HIGH SPEED SIGNALS THROUGH THESE
PINS BECAUSE NOISE COUPLING MAY RESULT.
Figure 3. 8-Lead MSOP Pin Configuration
Table 4. 8-Lead MSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INN
Negative Input .
2
+VS
Positive Supply.
3
VOCM
Output Common-Mode Adjust.
4
+OUT
Noninverting Output.
5
−OUT
Inverting Output.
6
NC
This pin is not connected internally (see Figure 3).
7
−VS
Negative Supply.
8
INP
Positive Input.


Número de pieza similar - AD8476ARMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8476ARMZ AD-AD8476ARMZ Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
AD8476ARMZ-R7 AD-AD8476ARMZ-R7 Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
AD8476ARMZ-RL AD-AD8476ARMZ-RL Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
More results

Descripción similar - AD8476ARMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
AMP03 AD-AMP03 Datasheet
281Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. E
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
   Precision, Unity-Gain Differential Amplifier
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
INA105 TI1-INA105 Datasheet
716Kb / 17P
[Old version datasheet]   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03GSZ AD-AMP03GSZ Datasheet
267Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. F
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
Analog Devices
ADL5580 AD-ADL5580 Datasheet
783Kb / 22P
   Fully Differential, 10 GHz ADC Driver with 10 dB Gain
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com