Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM385BSTR Datasheet(PDF) 5 Page - Analog Intergrations Corporation

No. de pieza LM385BSTR
Descripción Electrónicos  Adjustable Micropower Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIC [Analog Intergrations Corporation]
Página de inicio  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LM385BSTR Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  LM385BSTR Datasheet HTML 1Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 2Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 3Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 4Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 5Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 6Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM385/LM385B
5
n BLOCK DIAGRAM
n SYMBOL
-
+
-
+
7µA
1.2
FB
-
+
FB
n PIN DESCRIPTIONS
PIN +
-
sinks current with a range from 20
µA to 20mA for normal applications. And a stable positive voltage,
relative to Pin-, occurs on Pin+.
PIN -
-
Pin- sources current for normal application. The current value is the same as Pin+.
PIN NC -
Not connected.
n APPLICATION EXAMPLES
120K
R2
120K
R1
-
+
LM385
2N2219
R3
1K
50
µA<I<200mA
VIN
FB
VOUT
2.5V
R4
100µA<I<5mA
VIN
FB
-
+
R3
LM385
2N5115
2.4M
R2
120K
R1
VOUT
25V
Fig. 9
200mA Shunt Regulator
Fig. 10
25V Low Current Shunt Regulator
R2
R1
1µA<IOUT<100mA
IOUT=1.24V/R1
2N2905
2N3964
FB
-
+
120K
VIN
R3
200
D1
<-12V
LED ON
R2
1M
FB
120K
R1
-5V
-
+
Fig. 11 Current Source
Fig. 12
Voltage Level Detector


Número de pieza similar - LM385BSTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LM385BS8-1.2 LINER-LM385BS8-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM385BS8-2.5 LINER-LM385BS8-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
More results

Descripción similar - LM385BSTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285_05 Datasheet
74Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com