Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA2EGADQABCQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TDA2EGADQABCQ1
Descripción Electrónicos  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EGADQABCQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDA2EGADQABCQ1 Datasheet HTML 2Page - Texas Instruments TDA2EGADQABCQ1 Datasheet HTML 3Page - Texas Instruments TDA2EGADQABCQ1 Datasheet HTML 4Page - Texas Instruments TDA2EGADQABCQ1 Datasheet HTML 5Page - Texas Instruments TDA2EGADQABCQ1 Datasheet HTML 6Page - Texas Instruments TDA2EGADQABCQ1 Datasheet HTML 7Page - Texas Instruments TDA2EGADQABCQ1 Datasheet HTML 8Page - Texas Instruments TDA2EGADQABCQ1 Datasheet HTML 9Page - Texas Instruments TDA2EGADQABCQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 393 page
background image
6
TDA2EG
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
TDA2EG
Processors/Accelerators
Speed Grades
H, D
ARM Single Cortex-A15 Microprocessor (MPU) Subsystem
MPU core 0
Yes
C66x VLIW DSP
DSP1
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
Display Subsystem
VOUT1
Yes
VOUT2
Yes
VOUT3
Yes
HDMI
Yes
Dual ARM Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
IPU2
Yes
Image Video Accelarator (IVA)
IVA
Yes
SGX544 Single-Core 3D Graphics Processing Unit (GPU)
GPU
Yes
Video Input Port (VIP)
VIP1
vin1a
Yes
vin1b
Yes
vin2a
Yes
vin2b
Yes
Video Processing Engine (VPE)
VPE
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
DDR3 Memory Controller
EMIF1
up to 2GB across single chip select
SECDED/ECC
Yes
Dynamic Memory Manager (DMM)
DMM
Yes
Peripherals
Dual Controller Area Network (DCAN) Interface
DCAN1
Yes
DCAN2
Yes
Enhanced DMA (EDMA)
EDMA
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
up to 215
Inter-Integrated Circuit Interface (I2C)
I2C
6
System Mailbox Module
MAILBOX
13
Camera Adaptation Layer (CAL) Camera Serial Interface 2 (CSI2)
CSI2_0
1 CLK + 4 Data Line
CSI2_1
1 CLK + 2 Data Line


Número de pieza similar - TDA2EGADQABCQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TDA2EGADQABCQ1 TI1-TDA2EGADQABCQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Descripción similar - TDA2EGADQABCQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com