Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA2EGAHQABCQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TDA2EGAHQABCQ1
Descripción Electrónicos  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EGAHQABCQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TDA2EGAHQABCQ1 Datasheet HTML 5Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 6Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 7Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 8Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 9Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 10Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 11Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 12Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 393 page
background image
9
TDA2EG
www.ti.com
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
NOTE
The following balls are reserved: A27, K14, Y5, Y10, B28, AC1, AC2, AA1, AA2, AB1, AB2,
AD14.
These balls must be left unconnected.
NOTE
All unused power supply balls must be supplied with the voltages specified in the
Section 5.4, Recommended Operating Conditions, unless alternative tie-off options are
included in Section 4.4, Signal Descriptions.
Table 4-1. Unused Balls Specific Connection Requirements
Balls
Connection Requirements
AE15, AC15, AE14, D20, AD17, AC16, V27
These balls must be connected to GND through an external pull
resistor if unused.
E20, D21, E23, C20, C21, V28, F18
These balls must be connect to the corresponding power supply
through an external pull resistor if unused.
AF14 (rtc_iso)
This ball should be connected to the corresponding power supply
through an external pull resistor if unused; or can be connected to
F22 (porz) when RTC unused (level translation may be needed)
AB17 (rtc_porz)
This ball should be connected to VSS when RTC is unused; or can
be connected to F22 (porz) when RTC unused (level translation may
be needed)
NOTE
All other unused signal balls with a Pad Configuration register can be left unconnected with
their internal pullup or pulldown resistor enabled.
NOTE
All other unused signal balls without a Pad Configuration register can be left unconnected.
4.2
Ball Characteristics
Table 4-2 describes the terminal characteristics and the signals multiplexed on each ball. The following list
describes the table column headers:
1. BALL NUMBER:This column lists ball numbers on the bottom side associated with each signal on the
bottom.
2. BALL NAME: This column lists mechanical name from package device (name is taken from muxmode
0).
3. SIGNAL NAME:This column lists names of signals multiplexed on each ball (also notice that the name
of the ball is the signal name in muxmode 0).
NOTE
Table 4-2 does not take into account the subsystem multiplexing signals. Subsystem
multiplexing signals are described in Section 4.4, Signal Descriptions.
NOTE
In driver off mode, the buffer is configured in high-impedance.


Número de pieza similar - TDA2EGAHQABCQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TDA2EGAHQABCQ1 TI1-TDA2EGAHQABCQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Descripción similar - TDA2EGAHQABCQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com