|
| MAX1567ETL |
|
||
|
MAXIM |
|
6 page
Attachment #1 TABLE II. Pin combination to be tested. 1/ 2/ 1/ Table II is restated in narrative form in 3.4 below. 2/ No connects are not to be tested. 3/ Repeat pin combination I for each named Power supply and for ground (e.g., where VPS1 is VDD, VCC, VSS, VBB, GND, +VS, -VS, VREF, etc). 3.4 Pin combinations to be tested. a. Each pin individually connected to terminal A with respect to the device ground pin(s) connected to terminal B. All pins except the one being tested and the ground pin(s) shall be open. b. Each pin individually connected to terminal A with respect to each different set of a combination of all named power supply pins (e.g., VSS1, or VSS2 or VSS3 or VCC1, or VCC2) connected to terminal B. All pins except the one being tested and the power supply pin or set of pins shall be open. c. Each input and each output individually connected to terminal A with respect to a combination of all the other input and output pins connected to terminal B. All pins except the input or output pin being tested and the combination of all the other input and output pins shall be open Terminal A (Each pin individually connected to terminal A with the other floating) Terminal B (The common combination of all like-named pins connected to terminal B) 1. All pins except VPS1 3/ All VPS1 pins 2. All input and output pins All other input-output pins Mil Std 883D Method 3015.7 Notice 8 REGULATED HIGH VOLTAGE SUPPLY TERMINAL D DUT SOCKET TERMINAL C TERMINAL B TERMINAL A CURRENT PROBE (NOTE 6) R = 1.5k Ω C = 100pf SHORT R2 S2 S1 R1 C1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| MAX811TEUS | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1546ETL | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1973EUB | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX8557ETE | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX3801UGG | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1820ZEUB | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| MAX2682EUT | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| MAX9020EKA | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1951ESA | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX3283EAUT | PLASTIC ENCAPSULATED DEVICES | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |