Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFB037CTP Datasheet(PDF) 1 Page - Visual Communications Company

No. de pieza LFB037CTP
Descripción Electrónicos  for use with surface-mount or through-hole LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VCC [Visual Communications Company]
Página de inicio  http://vcclite.com
Logo VCC - Visual Communications Company

LFB037CTP Datasheet(HTML) 1 Page - Visual Communications Company

  LFB037CTP Datasheet HTML 1Page - Visual Communications Company LFB037CTP Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LFB Series 3mm
Press Fit, Low Profile
Diffused Rigid Light Pipe
mounting hole size
Ø0.112 + 0.002
[Ø2.6
LENGTH±0.010
“SEE ORDERING DATA”
Ø0.130+0.005
[Ø3.3+0.508]
0.030+0.005
[0.8+0.508]
Dimensions in inches [mm]
+ 0.05]
Ø0.118+0.005
[Ø3.0+0.508]
LFB Series litepipe TM features diffused round 3mm
surface for super wide viewing angle at 120 degrees
Applications
optical grade polycarbonate for maximum
light transmission
• standard lengths from 0.125” to 1.000”
wide viewing angle at 120 degrees
RTN112 retainer provides a reliable
solution for high-vibration environments (optional)
frosted surface diffuses light and provides
uniform brightness and a soft glow
low profile, flush panel design
press fit (front panel mount) with crushable ribs
that simplifies installation
for use with surface-mount or through-hole
LEDs
custom lengths available
no physical connection between light pipe and
LED provides versatility for assembly
audio/video
communication
darkroom equipment
electrical panels
entertainment
industrial
medical
IoT
security
studio control
transportation
Key Features
Dimensions
the first call for illuminated components
www.vcclite.com
1.800.522.5546
01/17 Rev 2


Número de pieza similar - LFB037CTP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LFB01 SANYO-LFB01 Datasheet
54Kb / 2P
   Very High-Speed Switching Diode
LFB01L SANYO-LFB01L Datasheet
54Kb / 2P
   Very High-Speed Switching Diode
logo
List of Unclassifed Man...
LFB090050-000 ETC-LFB090050-000 Datasheet
1Mb / 25P
   Electro-Magnetic Interference Solutions
logo
Laird Tech Smart Techno...
LFB090050-000 LSTD-LFB090050-000 Datasheet
115Kb / 1P
   this print is the property of laird tech
LFB090050-000 LSTD-LFB090050-000 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results

Descripción similar - LFB037CTP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Visual Communications C...
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
logo
Aavid, Thermal Division...
573300D00010 AAVID-573300D00010 Datasheet
89Kb / 2P
   For use with Surface Mount packages
573100D00000 AAVID-573100D00000 Datasheet
85Kb / 2P
   For use with Surface Mount packages
573400D00010 AAVID-573400D00010 Datasheet
92Kb / 2P
   For use with Surface Mount packages
logo
Rohm
SLA580 ROHM-SLA580 Datasheet
94Kb / 2P
   Through-hole LEDs
logo
Grayhill, Inc
70GRCM32 GRAYHILL-70GRCM32 Datasheet
499Kb / 2P
   For Use with MicroDac or PAMUX Controllers
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com