Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS14T3 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza SS14T3
Descripción Electrónicos  PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS14T3 Datasheet(HTML) 2 Page - ON Semiconductor

  SS14T3 Datasheet HTML 1Page - ON Semiconductor SS14T3 Datasheet HTML 2Page - ON Semiconductor SS14T3 Datasheet HTML 3Page - ON Semiconductor SS14T3 Datasheet HTML 4Page - ON Semiconductor SS14T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSS12200WT1G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 1)
450
3.6
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 1)
275
°C/W
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 2)
650
5.2
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 2)
192
°C/W
Thermal Resistance,
Junction−to−Lead 6
RqJL
105
°C/W
Total Device Dissipation
(Single Pulse < 10 sec.)
PD Single
1.4
W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage, (IC = −10 mAdc, IB = 0)
V(BR)CEO
−12
−15
Vdc
Collector−Base Breakdown Voltage, (IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−12
−25
Vdc
Emitter−Base Breakdown Voltage, (IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−5.0
−7.0
Vdc
Collector Cutoff Current, (VCB = −12 Vdc, IE = 0)
ICBO
−0.02
−0.1
mAdc
Collector−Emitter Cutoff Current, (VCES = −12 Vdc, IE = 0)
ICES
−0.03
−0.1
mAdc
Emitter Cutoff Current, (VEB = −5.0 Vdc, IE = 0)
IEBO
−0.03
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = −0.5 A, VCE = −1.5 V)
(IC = −0.8 A, VCE = −1.5 V)
(IC = −1.0 A, VCE = −1.5 V)
hFE
100
100
100
180
165
160
300
Collector−Emitter Saturation Voltage (Note 3)
(IC = −0.5 A, IB = −10 mA)
(IC = −0.8 A, IB = −16 mA)
(IC = −1.0 A, IB = −20 mA)
VCE(sat)
−0.10
−0.14
−0.17
−0.160
−0.235
−0.290
V
Base −Emitter Saturation Voltage (Note 3)
(IC = −1.0 A, IB = −20 mA)
VBE(sat)
−0.84
−0.95
V
Base −Emitter Turn−on Voltage (Note 3)
(IC = −1.0 A, VCE = −1.5 V)
VBE(on)
−0.81
−0.95
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = −1.5 V, f = 1.0 MHz)
Cobo
50
65
pF
1. FR−4, Minimum Pad, 1 oz Coverage.
2. FR−4, 1″ Pad, 1 oz Coverage.
3. Pulsed Condition: Pulse Width < 300 msec, Duty Cycle < 2%.


Número de pieza similar - SS14T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SS14T3 ONSEMI-SS14T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Descripción similar - SS14T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com