Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

E-1048-8I3-C3D4V1-4U3-2A Datasheet(PDF) 5 Page - ETAL Group

No. de pieza E-1048-8I3-C3D4V1-4U3-2A
Descripción Electrónicos  Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETAL [ETAL Group]
Página de inicio  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8I3-C3D4V1-4U3-2A Datasheet(HTML) 5 Page - ETAL Group

  E-1048-8I3-C3D4V1-4U3-2A Datasheet HTML 1Page - ETAL Group E-1048-8I3-C3D4V1-4U3-2A Datasheet HTML 2Page - ETAL Group E-1048-8I3-C3D4V1-4U3-2A Datasheet HTML 3Page - ETAL Group E-1048-8I3-C3D4V1-4U3-2A Datasheet HTML 4Page - ETAL Group E-1048-8I3-C3D4V1-4U3-2A Datasheet HTML 5Page - ETAL Group E-1048-8I3-C3D4V1-4U3-2A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.e-t-a.de
E-1048-8I... - Accessories E-1048-8I...
1646
5
5
Smart Power Relay E-1048-8I...
Accessories for E-1048-8I.
Connector bus links -P10
X 210 588 01/ 1.5 mm2, (AWG 16), brown (up to 13 A max. load)
X 210 588 02/ 2.5 mm2, (AWG 14), black (up to 20 A max. load)
X 210 588 03/ 2.5 mm2, (AWG 14), red (up to 20 A max. load)
X 210 588 04/ 2.5 mm2, (AWG 14), blue (up to 20 A max. load)
2-way mounting socket
6-way mounting socket
23-P10-Si
63-P10-Si
(retaining clip Y 300 581 03 available on request)
2 mounting clips
Installation drawing with
Y 300 504 02
(2 pcs needed per unit)
mounting clips Y 300 504 02
retaining
clip
22.2
21
10
2
max. 30
6
7.4
4.4
25
12.5
4.4
7.4
12.5
6.25
50
75
12.5
polarized blade terminals
DIN 46244-A6.3-0.8 (QC .250)
polarized
recess
.173
.291
.492
.984
.291
.173
.394
.827
.874
.079
.236
max. 1.18
.492
1.97
2.95
.492
.246
100 quick-connect tabs 6.3 (.250)
DIN 46247 tinned brass,
insulated
1
0.5
12.5
7.3
M4
8.5
60.4
50
16.5
20
.039
.020
.335
.287
.492
.650 .787
2.38
1.97
9
5.4
125
.213
.354
4.92
cylinder head screw
M4x4 ISO1207
nickel plated
washer
A 4.3 DIN 125
nickel plated
female
connector
Phoenix terminal AKG 35
max. cross section 35 mm2 (AWG 2)
M4
12.8
7
154.8
pressure-relief joint
(1.1 mm (.043 in.)
thick constriction)
Cu rail, tin-plated
.504
.276
6.09
blade terminal DIN 46244 part 2
C profile (2xA2.8-0.8) (QC 2x.110)
depth
10 mm
(.394 in.)
adapter X20040901
symmetrical rail
EN 50022-35x7.5
polarization recess
G-profile
EN 50035-G32
80
10
12.5
retaining clip
1
11
23
2(k)
12
24
2(i)
1
11
23
2(k)
12
24
2(i)
3.15
.492
.394
polarized blade terminal
DIN 46244-A6.3-0.8 (QC .250)
slot for fitting labels from
Phoenix, Weidmüller
6.3
-P10
2.8
-P70
.248
.110
Single mounting sockets
(with adapter)
(up to
16 A max. load)
17-P10-Si
17-P10-Si-20025
17-P70-Si
17-P70-Si-20025
(retaining clip Y 300 581 11 available on request)
Busbar (10-way) (supplied as a complete package)
for type 17 socket
(for max. 100 A continuous load),
more positions available on request
X 211 157 01 with terminal
X 211 157 02 without terminal
Insulating sleeving for busbar (10-way)
Y 303 824 01
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Número de pieza similar - E-1048-8I3-C3D4V1-4U3-2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETAL Group
E-1048-8C4-C0A0V0-4U3-1A ETAL-E-1048-8C4-C0A0V0-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-2A ETAL-E-1048-8C4-C0A0V0-4U3-2A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-3A ETAL-E-1048-8C4-C0A0V0-4U3-3A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-5A ETAL-E-1048-8C4-C0A0V0-4U3-5A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V1-4U3-1A ETAL-E-1048-8C4-C0A0V1-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

Descripción similar - E-1048-8I3-C3D4V1-4U3-2A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com