Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5675RARUZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD5675RARUZ-REEL7
Descripción Electrónicos  Base station power amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5675RARUZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD5675RARUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5675RARUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5675RARUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5675RARUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5675RARUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5675RARUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5675RARUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5675RARUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5675RARUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Octal, 12-/16-Bit nanoDAC+ with
2 ppm/°C Reference, I2C Interface
Data Sheet
AD5671R/AD5675R
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance
High relative accuracy (INL): ±3 LSB maximum at 16 bits
Total unadjusted error (TUE): ±0.14% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.06% of FSR maximum
Low drift 2.5 V reference: 2 ppm/°C typical
Wide operating ranges
−40°C to +125°C temperature range
2.7 V to 5.5 V power supply
Easy implementation
User selectable gain of 1 or 2 (GAIN pin/bit)
1.8 V logic compatibility
400 kHz I2C-compatible serial interface
Robust 2 kV HBM and 1.5 kV FICDM ESD rating
20-lead, RoHS-compliant TSSOP and LFCSP
APPLICATIONS
Optical transceivers
Base station power amplifiers
Process control (PLC input/output cards)
Industrial automation
Data acquisition systems
GENERAL DESCRIPTION
The AD5671R/AD5675R are low power, octal, 12-/16-bit
buffered voltage output digital-to-analog converters (DACs).
They include a 2.5 V, 2 ppm/°C internal reference (enabled by
default) and a gain select pin giving a full-scale output of 2.5 V
(gain = 1) or 5 V (gain = 2). The devices operate from a single
2.7 V to 5.5 V supply and are guaranteed monotonic by design.
The AD5671R/AD5675R are available in a 20-lead TSSOP and in
a 20-lead LFCSP and incorporate a power-on reset circuit and a
RSTSEL pin that ensures the DAC outputs power up to zero scale
or midscale and remain there until a valid write. The AD5671R/
AD5675R contain a power-down mode, reducing the current
consumption to 1 μA typical while in power-down mode.
Table 1. Octal nanoDAC+® Devices
Interface
Reference
16-Bit
12-Bit
SPI
Internal
AD5676R
AD5672R
External
AD5676
Not applicable
I2C
Internal
AD5675R
AD5671R
PRODUCT HIGHLIGHTS
1.
High Relative Accuracy (INL)
AD5671R (12-bit): ±1 LSB maximum
AD5675R (16-bit): ±3 LSB maximum
2.
Low Drift, 2.5 V On-Chip Reference
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
INPUT
REGISTER
A0
A1
GND
VOUT7
LDAC
SDA
SCL
AD5671R/AD5675R
RESET
2.5V
REF
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
DAC
REGISTER
STRING
DAC 0
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 1
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 2
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 3
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 4
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 5
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 6
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 7
BUFFER
GAIN
POWER-DOWN
LOGIC
POWER-ON
RESET
VLOGIC
VDD
VREFOUT
RSTSEL
GAIN
×1/×2


Número de pieza similar - AD5675RARUZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5675R AD-AD5675R Datasheet
1Mb / 28P
   Easy implementation
More results

Descripción similar - AD5675RARUZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
   Base station power amplifiers
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
   Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
   Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
   Base Station & Repeater
820-IF77.5M-A OSCILENT-820-IF77.5M-A Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF82.0M-A OSCILENT-820-IF82.0M-A Datasheet
130Kb / 1P
   Base Station & Repeater
827-IF115.0M-B OSCILENT-827-IF115.0M-B Datasheet
137Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com