Nombre de pieza
         Descripción
LM741

 Operational Amplifier ( 8 Page)


NSC
100% 
Zoom Out Zoom In
   
 6 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Ceramic Dual-In-Line Package (J)
Order Number LM741J-14/883 or LM741AJ-14/883
NS Package Number J14A
Small Outline Package (M)
Order Number LM741CM
NS Package Number M08A
www.national.com
6
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CA309430MHz High Output Current Operational Transconductance Amplifier OTA 1 2 3 4 5 MoreIntersil Corporation
HA-254140MHz Fast Settling Unity Gain Stable Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HA-51352.5MHz Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HFA1145High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 Intersil Corporation
ICL7650S2MHz Super Chopper-Stabilized Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
KIA358PBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL OPERATIONAL AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
NJM2721Single Ultra-High speed and Wide Band Operational Amplifier 1 2 3 4 5 MoreNew Japan Radio
LT1224Very High Speed Operational Amplifier 1 2 3 4 5 MoreLinear Technology
LT1886Dual 700MHz 200mA Operational Amplifier 1 2 3 4 5 MoreLinear Technology
RH108AOperational Amplifier 1 2 3 4 Linear Technology