Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7447231331 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7447231331
Descripción Electrónicos  WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447231331 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447231331 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447231331 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.0
REV
2015-04-14
DATE
SSt
BY
MaKa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TIF Radial Leaded Wire Wound
Inductor with 4 Pins
Order.- No.
7447231331
SIZE
A4
Size: 1018
H4: Classification Wave Soldering Profile:
H5: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Typical (Tstypical)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
250°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
refer to EN 61760-1:2006
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7447231331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447231332 WURTH-7447231332 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
More results

Descripción similar - 7447231331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447211102 WURTH-7447211102 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211472 WURTH-7447211472 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221102 WURTH-7447221102 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221682 WURTH-7447221682 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447231103 WURTH-7447231103 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
1.0 2015-04-14
7447221103 WURTH-7447221103 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211332 WURTH-7447211332 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211681 WURTH-7447211681 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221472 WURTH-7447221472 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211221 WURTH-7447211221 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com