Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5675 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD5675
Descripción Electrónicos  Easy implementation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5675 Datasheet HTML 2Page - Analog Devices AD5675 Datasheet HTML 3Page - Analog Devices AD5675 Datasheet HTML 4Page - Analog Devices AD5675 Datasheet HTML 5Page - Analog Devices AD5675 Datasheet HTML 6Page - Analog Devices AD5675 Datasheet HTML 7Page - Analog Devices AD5675 Datasheet HTML 8Page - Analog Devices AD5675 Datasheet HTML 9Page - Analog Devices AD5675 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 5 of 27
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, 1.8 V ≤ VLOGIC ≤ 5.5 V, all specifications −40°C to +125°C, unless otherwise
noted. Guaranteed by design and characterization, not production tested.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Settling Time1
5
8
µs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
0.8
V/µs
Digital-to-Analog Glitch Impulse1
1.4
nV-sec
1 LSB change around major carry, gain = 1
Digital Feedthrough1
0.13
nV-sec
Digital Crosstalk1
0.1
nV-sec
Analog Crosstalk1
−0.25
nV-sec
Gain = 1
−1.3
nV-sec
Gain = 2
DAC-to-DAC Crosstalk1
−2.0
nV-sec
Total Harmonic Distortion (THD)1, 2
−80
dB
TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Output Noise Spectral Density (NSD)1
300
nV/√Hz
DAC code = midscale, bandwidth = 10 kHz, gain = 2
Output Noise
6
µV p-p
0.1 Hz to 10 Hz, gain = 1
Signal-to-Noise Ratio (SNR)
90
dB
TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Spurious-Free Dynamic Range (SFDR)
83
dB
TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Signal-to-Noise-and-Distortion Ratio (SINAD)
80
dB
TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
1
See the Terminology section.
2
Digitally generated sine wave at 1 kHz.


Número de pieza similar - AD5675

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675 AD-AD5675 Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
AD5675ACPZ-RL AD-AD5675ACPZ-RL Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
More results

Descripción similar - AD5675

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
STMicroelectronics
AN2614 STMICROELECTRONICS-AN2614 Datasheet
128Kb / 12P
   Serial numbering implementation
logo
List of Unclassifed Man...
MX98905B ETC1-MX98905B Datasheet
352Kb / 86P
   The MX98905 is designed for easy implementation of CSMA/CD local area networks,
logo
Fairchild Semiconductor
AN-9720 FAIRCHILD-AN-9720 Datasheet
236Kb / 7P
   Power Path Implementation Tradeoffs
logo
STMicroelectronics
AN1645 STMICROELECTRONICS-AN1645 Datasheet
609Kb / 22P
   STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Silicon Laboratories
AN451 SILABS-AN451 Datasheet
87Kb / 14P
   WIRELESS M-BUS SOFTWARE IMPLEMENTATION
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
logo
STMicroelectronics
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
   This application note presents the implementation
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com