Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7866 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7866
Descripción Electrónicos  Customer supplied 6 V to 12 V bench supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7866 Datasheet(HTML) 1 Page - Analog Devices

  AD7866 Datasheet HTML 1Page - Analog Devices AD7866 Datasheet HTML 2Page - Analog Devices AD7866 Datasheet HTML 3Page - Analog Devices AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADA4571R-EBZ User Guide
UG-739
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
ADA4571 End of Shaft Evaluation Board
FEATURES
USB 2.0 interface
Jumper for temperature compensation mode enable
Jumper for power down mode enable
Measurement test points and coaxial connectors
EVALUATION KIT CONTENTS
ADA4571 magnetic stimulus:
Dipole magnet
Brushed or brushless dc motor with integrated control
electronics
Evaluation software CD-ROM (Windows® 7 32-bit and 64-bit
compatible GUI)
ADDITIONAL EQUIPMENT NEEDED
Customer supplied 6 V to 12 V bench supply
SDP interface board
USB cable (supplied with SDP interface board)
GENERAL DESCRIPTION
The end of shaft evaluation system is composed of a Windows
LabVIEW® GUI software, an ADA4571 motherboard, a
magnetic stimulus mounted on top of a brushless dc motor, a
daughter board with ADA4571 in its SOIC package, and a USB
interface and controller board, the SDP-S.
The motherboard features an on-board 5 V regulator, a
2-channel simultaneous sampling ADC and jumpers for
enabling the temperature compensation and power-down
modes within the ADA4571. The motherboard also features
test points and unpopulated coaxial connectors for the three
outputs of the device.
The daughter board features the ADA4571 mounted above the
magnetic stimulus as well as test points for the three outputs of
the device.
The SDP board is used to control the ADC on the motherboard
and interface with the GUI.
EVALUATION BOARD CONNECTION DIAGRAM
USB
PC GUI INTERFACE
SDP CONTROL
CARD
EVALUATION
SYSTEM
WITH MAGNETIC
STIMULUS
POWER
SUPPLY
6V TO 12V
SUPPLY
Figure 1. ADA4571 End of Shaft Evaluation System
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 13


Número de pieza similar - AD7866

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7866ARU AD-AD7866ARU Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARU AD-AD7866ARU Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results

Descripción similar - AD7866

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
   Supply voltage 6 to 48 V
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com