Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2024 Datasheet(PDF) 11 Page - Tripath Technology Inc.

No. de pieza TA2024
Descripción Electrónicos  Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPATH [Tripath Technology Inc.]
Página de inicio  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024 Datasheet(HTML) 11 Page - Tripath Technology Inc.

Back Button TA2024 Datasheet HTML 6Page - Tripath Technology Inc. TA2024 Datasheet HTML 7Page - Tripath Technology Inc. TA2024 Datasheet HTML 8Page - Tripath Technology Inc. TA2024 Datasheet HTML 9Page - Tripath Technology Inc. TA2024 Datasheet HTML 10Page - Tripath Technology Inc. TA2024 Datasheet HTML 11Page - Tripath Technology Inc. TA2024 Datasheet HTML 12Page - Tripath Technology Inc. TA2024 Datasheet HTML 13Page - Tripath Technology Inc. TA2024 Datasheet HTML 14Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TECHNICA L INFORMA T ION
TA2024 Preliminary, Rev. 1.0
Page 11
Performance Measurements of the TA2024
The TA2024 operates by generating a high frequency switching signal based on the audio input. This
signal is sent through a low-pass filter (external to the Tripath amplifier) that recovers an amplified
version of the audio input. The frequency of the switching pattern is spread spectrum and typically
varies between 100kHz and 1.0MHz, which is well above the 20Hz – 20kHz audio band. The pattern
itself does not alter or distort the audio input signal but it does introduce some inaudible components.
The measurements of certain performance parameters, particularly noise related specifications such
as THD+N, are significantly affected by the design of the low-pass filter used on the output as well as
the bandwidth setting of the measurement instrument used. Unless the filter has a very sharp roll-off
just beyond the audio band or the bandwidth of the measurement instrument is limited, some of the
inaudible noise components introduced by the Tripath amplifier switching pattern will degrade the
measurement.
One feature of the TA2024 is that it does not require large multi-pole filters to achieve excellent
performance in listening tests, usually a more critical factor than performance measurements.
Though using a multi-pole filter may remove high-frequency noise and improve THD+N type
measurements (when they are made with wide-bandwidth measuring equipment), these same filters
degrade frequency response. The TA2024 Evaluation Board uses the Test/Application Circuit in this
data sheet, which has a simple two-pole output filter and excellent performance in listening tests.
Measurements in this data sheet were taken using this same circuit with a limited bandwidth setting in
the measurement instrument.


Número de pieza similar - TA2024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

Descripción similar - TA2024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripath Technology Inc.
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com